Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWR200M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SWR200M
Description  Precision Sine Wave Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SWR200M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SWR200M Datasheet HTML 1Page - List of Unclassifed Manufacturers SWR200M Datasheet HTML 2Page - List of Unclassifed Manufacturers SWR200M Datasheet HTML 3Page - List of Unclassifed Manufacturers SWR200M Datasheet HTML 4Page - List of Unclassifed Manufacturers SWR200M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
•• VERY HIGH ACCURACY: 7.071 Vrms ±0.05%
•• EXTREMELY LOW DRIFT:
3 ppm/°C (-55°C to +125°C)
•• EXCELLENT STABILITY: 10 ppm/1000 Hrs. Typ.
•• LOW DISTORTION:
0.1% THD @ f = 3300 Hz
•• HERMETIC 14-PIN CERAMIC DIP
•• MILITARY PROCESSING OPTION
SWR200
Precision
Sine Wave Reference
DESCRIPTION
APPLICATIONS
•• TRANSDUCER EXCITATION
•• HIGH RESOLUTION SERVO SYSTEMS
•• HIGH PRECISION TEST and
MEASUREMENT INSTRUMENTS
•• AC VOLTAGE STANDARD
•• LVDT OR RVDT REFERENCE
•• MULTIPLYING D/A REFERENCE
FEATURES
SELECTION GUIDE
Type
Output
(Typ.)
Temperature
Operating Range
Package
SWR200C
7.071V -25°C to +85°C
DIP
SWR200M
7.071V -55°C to +125°C
DIP
SWR200 is a Precision Sine Wave Reference
providing an ultra stable sine wave output of
7.071V
at
±0.05%
initial
accuracy
and
temperature coefficient as low as 3 ppm/°C over
the full military temperature range. The extreme
accuracy is made possible by a chopper-based
AGC circuit. The temperature characteristic of the
chopper
circuit
compensates
the
typical
nonlinearity of the internal DC zener reference,
resulting in a nearly linear amplitude-temperature
characteristic. Frequency of the SWR200 is
programmable with two external capacitors.
The SWR200 is available in a 14-pin bottom
braze package. They are hermetically sealed and
"M" versions are screened for high reliability and
quality.
SWR200
is
well
suited
for
any
application
requiring a stable sine wave source. The SWR200
can be used as a reference source in precision
sensing systems based on LVDT or RVDT
position sensors. A programmable AC reference
can be constructed using the SWR200 as a
reference for a high accuracy multiplying Digital to
Analog Converter.
SWR200DS REV. D JUNE 1995
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000


Similar Part No. - SWR200M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SWR200M CIRRUS-SWR200M Datasheet
367Kb / 4P
Precision Sine Wave Reference
SWR200M CIRRUS-SWR200M Datasheet
750Kb / 5P
Precision Sine Wave Reference
More results

Similar Description - SWR200M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
Precision Digital Sine- Wave Generation with the TMS32010
logo
Pletronics, Inc.
SW1145BYE PLETRONICS-SW1145BYE Datasheet
200Kb / 7P
Sine Wave Oscillators
logo
Cirrus Logic
SWR200 CIRRUS-SWR200 Datasheet
367Kb / 4P
Precision Sine Wave Reference
logo
Oscilent Corporation
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
Clipped Sine Wave
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
Clipped Sine Wave
logo
Cirrus Logic
SWR200 CIRRUS-SWR200_10 Datasheet
750Kb / 5P
Precision Sine Wave Reference
logo
Oscilent Corporation
580 OSCILENT-580 Datasheet
144Kb / 2P
Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
Clipped Sine Wave
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com