Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1018564 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1018564
Description  Distributor cable - FOC-17S12-LCD6-GF02/1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1018564 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1018564 Datasheet HTML 1Page - PHOENIX CONTACT 1018564 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1018564
04/09/2021   Page 1 / 2
Distributor cable - FOC-17S12-LCD6-GF02/1 - 1018564
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Distributor cable, degree of protection: IP20, cable length: 1 m
Your advantages
 Fast mounting thanks to pre-assembled fiber-optic cable
 Ideal for use under harsh conditions
 1000 hours salt spray test
 Proven screw locking mechanism for reliable connection between the field and device side
 Compact design with MT ferrule
 For extreme ambient conditions
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626503493
Custom tariff number
85367000
Country of origin
China
Technical data
Cable type
Cable abbreviation
12-.../(ZN)H-...30
Cable type
Multimode fiberglass
Fixed cable length
1 m
Cable weight
8.30 kg/km
Type of cable
Fan out


Similar Part No. - 1018564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10185 ETC2-10185 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
logo
Heyco.
10185 HEYCO-10185 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Festo Corporation.
10185 FESTO-10185 Datasheet
95Kb / 1P
Connection block
logo
SICK AG
1018514 SICK-1018514 Datasheet
1Mb / 7P
COLOR SENSORS
1018550 SICK-1018550 Datasheet
654Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - 1018564

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419978 PHOENIX-1419978 Datasheet
60Kb / 3P
Module - FOC-MODUL:3U-OS12-LCD6-OM1
1019710 PHOENIX-1019710 Datasheet
55Kb / 3P
Splice box - FOC-FDX20-PP-LCD6-MM
1019711 PHOENIX-1019711 Datasheet
60Kb / 3P
Splice box - FOC-FDX20-PP-LCD6-OSP-PT9
1019712 PHOENIX-1019712 Datasheet
102Kb / 8P
Splice box - FOC-FDX20-PP-LCD6-OM4-PT9
1019713 PHOENIX-1019713 Datasheet
57Kb / 3P
Splice box - FOC-FDX20-PP-LCD6-OM2-PT9
1019679 PHOENIX-1019679 Datasheet
565Kb / 18P
Distributor - FOC-PP-OS12-LCD6-OM1
1208052 PHOENIX-1208052 Datasheet
520Kb / 20P
Distributor - FOC-PP-17S12-LCD6-OM1
1208056 PHOENIX-1208056 Datasheet
550Kb / 18P
Distributor - FOC-PP-OS24-LCD12-OM1
1343385 PHOENIX-1343385 Datasheet
606Kb / 22P
Distributor - FOC-FDX20-PP-LCD6/LCD6:ME-MM
1343386 PHOENIX-1343386 Datasheet
578Kb / 21P
Distributor - FOC-FDX20-PP-LCD6/LCD6-OSP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com