Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1018564 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1018564
Description  Distributor cable - FOC-17S12-LCD6-GF02/1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1018564 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1018564 Datasheet HTML 1Page - PHOENIX CONTACT 1018564 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/1018564
04/09/2021   Page 2 / 2
Distributor cable - FOC-17S12-LCD6-GF02/1 - 1018564
Technical data
Cable type
Number of fibers
12
Fiber
62.5/125 µm OM1
Fiber type
Multimode fiberglass 62.5/125 µm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 70 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
External sheath
Outer sheath, material
LSFH
External sheath, color
orange
External diameter
7 mm
Mechanical properties
Lateral pressure short term
500.00 N/cm
Lateral pressure, long-term
100.00 N/cm
Tensile strength short-term/long-term
500 N / 200 N
General
Conductor length
1 m
Cable weight
8.30 kg/km
Transmission characteristics (category)
OM1
Degree of protection
IP20
Ferrule material
Zirconia ceramics
Behavior in fire
Halogen-free
complying with IEC 60754-1/2
Standards and Regulations
Halogen-free
complying with IEC 60754-1/2
Classifications
eCl@ss
eCl@ss 10.0.1
27061803
eCl@ss 11.0
27061803
eCl@ss 9.0
27061803
Phoenix Contact 2021 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com