Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD16 Datasheet(PDF) 5 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD16
Description  Constant current power LED driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD16 Datasheet(HTML) 5 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD16 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 5 of 6
LEDD16_24 – Rev. 2018-1.2
Specifications subject to change without notice.
LEDD16_24 Series
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
Output current adjustment by external DC control volta-
Thermal feedback circuit
In this application, the LED modules of
each LED drivers should be independent
from electrical connection to the others
and input power - this is to prevent the
damaging to LED drivers also to avoid the
un-necessaried interference among each
LED module driven by the LED driver.
The selection of components for the thermal feedback circuit is not only dependent on the
choice of R2 and R3, but also on the amount of heat sink area required to extract heat from the
LEDs. To maximize the light output at high ambient or operating temperature conditions, the
LEDs must have a sufficient thermal extraction path, otherwise the thermal control circuit will
effect current drive reduction in non-optimal conditions. The thermal control threshold point is
set by adjusting R2. For this design, three values (33k, 22k and 10k) were evaluated. These values
were chosen to give break points at approximately 25°C, 40°C and 60°C.
Note that the light output will not continually dim to zero - the thermal control is applying DC
control to the ADJ pin and therefore has a dimming ratio from maximum Current of approxi-
mately 5:1. Once the reduced DC level goes below the shutdown threshold of around 200mV, the
LED drive current will fall to zero and the LEDs will be extinguished. The slope of the current re-
duction is determined by the beta value of the thermistor. The larger the beta value, the sharper
will be the resultant current control response. The slope of the current reduction is also affected
by Q1‘s base emitter voltage (VBE) variation with temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com