Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD16 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD16
Description  Constant current power LED driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD16 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD16 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDD16 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 6
LEDD16_24 – Rev. 2018-1.2
Specifications subject to change without notice.
LEDD16_24 Series
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
16 pin DIL package
High efficiency up to 95%
Short Circuit Protection (SCP)
Ultra wide range voltage
input (7-30V; 40V for 0.5sec.)
Operation temperature
range:
-40°C ~ 85°C
With large capacitive loads
(1000µF)
Open and short LED protec-
tion
With MLCC capacitors only
PWM dimming & analogue
dimming
Low ripple & noise
LED Driver
The LEDD16_24 is a high-efficiency series of step-down converters optimized to
driving high current LEDs. The device operates from an input of 7VDC to 30VDC
and provides an externally adjustable output current up to 1000mA and output
power up to 24 watts. Compact size of DIL16 allows designers to integrate this
driver together with LED module. UL94V-0 grade molded case with high grade
filling material provides excellent fire proof characteristics.
Application: 12V and 24V lighting systems, household/commercial lighting, suita-
ble for high illumination LED, power limited (battery) lighting system.
PWM dimming and ON/OFF control (leave open if not used)
Item
Test condition
Min
Typ
Max
Units
VADJ Pin input
voltage range
0
1.25
V
VADJ Pin drive
current
VADJ=1.25V
<1
mA
Adjust output
current
0%-100%
PWM frequency
Recommended
maximum operation
frequency
1
KHz
Remote ON/OFF
• ON
• OFF (shutdown)
Open or 0.3V< VADJ <1.25V
VADJ <0.15V or Short circuit
pin 1, 2 amd pin 3
Quiescent input
current
Shutdown mode
(Vin=30V)
25
µA
Analogue dimming (leave open if not used)
Item
Test condition
Min
Typ
Max
Units
VADJ Pin input
voltage range
0
1.25
V
VADJ Pin drive
current
VADJ=1.25V
<1
mA
Adjust output
current
Vin-Vout <20V
25%-100%
Control voltage
range limits
• Full on
• Full off
0.3V< VADJ <1.25V
VADJ <0.15V
Remote ON/OFF
• ON
• OFF (shutdown)
Open or 0.3V< VADJ <1.25V
VADJ <0.15V or Short circuit
pin 1, 2 amd pin 3
Quiescent input
current
Shutdown mode
(Vin=30V)
25
µA
Specifications
Item
Test condition
Min
Typ
Max
Units
Input voltage
7
24
30
VDC
Input filter
Capacitor
Output voltage range
Vin=48V
2
28
VDC
Operating frequency
50
330
KHz
Short circuit
protection
Regulated at rated
output current
Temperature
coefficient
±0.08
%/°C
Thermal impedance
Nature convection
+50
°C/W
Safety standard
designed to meet
IEC/EN60950-1
Ripple & Noise
20MHz bandwidth
250
300
mVp-p
Operating tempera-
ture range
-40
85
°C
Storage temperature
-40
125
°C
Maximum case
temperature
100
°C
Soldering tempera-
ture
1.5mm away from
the casing, 10
seconds
260
°C
Humidity
95
%
Operating frequency
range
550
645
750
kHz
MTBF
MIL-HDBK-
217F(+25°C)
>1.6
MHours
Case Material
Epoxy Resin (UL94-V0)
Potting Material
Silicon (UL94-V0)
Pin Material
ø0.5mm brass solder-
coated
Dimensions
0.92x0.55x0.4
inch
Weight
6.6
g
Model selection:
LEDC_xx-###
LED=Type; C=Case; yy=Vin; ###= Output Current
Example:
LEDD16_24-500
LED= Series D16= DIP16; yy= 24VDC nominal; 500= 0,5A
EMC specifications
EMI
Conducted
disturbance
EN55015/CISPR22
EMI
Radiated Emission
EN55015/CISPR22
EMS
Electrostatic
Discharge
IEC/EN61000-4-2
Contact ±2KV
perf. Criteria A
EMS
Radiation
Immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EMS
EFT
IEC/EN61000-4-4
±1KV
perf. Criteria A
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
IEC/EN61000-4-8
perf. Criteria A


Similar Part No. - LEDD16

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-A GAPTEC-LEDD10-24-A Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
More results

Similar Description - LEDD16

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-A GAPTEC-LEDD10-24-A Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD24 GAPTEC-LEDD24 Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
LEDD24-24-A GAPTEC-LEDD24-24-A Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDD24-24-P GAPTEC-LEDD24-24-P Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDT16 GAPTEC-LEDT16 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10-24-A GAPTEC-LEDW10-24-A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10-24-P GAPTEC-LEDW10-24-P Datasheet
1Mb / 5P
Constant current power LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com