Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD24 Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD24
Description  Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD24 Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
LEDD24_24_A – Rev. 2018-1.1
Specifications subject to change without notice.
Part Number
Input Voltage [VDC]
Nominal (Range)
Input Current (mA)
@Vin=24V Vo=17V
Output Voltage
[VDC]
Output Current
[mA]
Efficiency
[%, typ]
Max- capacitive
load µF]
LEDD24_24-1000A
24 (5.5-48)
740
3.3-36
1000
97
1000
LEDD24_24-1200A
24 (5.5-48)
892
3.3-36
1200
97
1000
Input voltage
Output voltage
range [VDC]
Output constant
current [mA]
Output power
[W, max]
48
3.3-36.0
1000
36
36
3.3-32.0
1000
32
24
3.3-21.0
1000
21
20
3.3-17.0
1000
17
15
3.3-13.2
1000
13.2
12
3.3-10.0
1000
10
5.5
3.3-4.0
1000
4
Input voltage
Output voltage
range [VDC]
Output constant
current [mA]
Output power
[W, max]
48
3.3-36.0
1200
43.2
36
3.3-32.0
1200
38.4
24
3.3-21.0
1200
25.2
20
3.3-17.0
1200
20.4
15
3.3-13.2
1200
15.84
12
3.3-10.0
1200
12
5.5
3.3-4.0
1200
4.8
LEDD24_24_A Series
Constant current power DIP24 LED Driver with analogue dimming -
Wide Input - Non-Isolated & Regulated
Efficiency
Typical characteristics
Input vs. Output
LEDD24_24-1000
LEDD24_24-1200
LEDD24_24-1000
LEDD24_24-1200
LEDD24_24-1000
LEDD24_24-1200
LEDD24_24-1000
LEDD24_24-1200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com