Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDD24 Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDD24
Description  Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDD24 Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  LEDD24 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDD24 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 4
LEDD24_24_A – Rev. 2018-1.1
Specifications subject to change without notice.
AC input recommended circuit
LEDD24_24_A Series
Constant current power DIP24 LED Driver with analogue dimming -
Wide Input - Non-Isolated & Regulated
1. If the product is applied to high voltage condition (higher than 40V),
the input terminal must be provided with an additional capa-
citor
(≥47μF/100V) to prevent voltage spike from damaging the module.
2. The output cathode cannot be connected with the input grounding,
or
it will damage the module.
Typical application circuit
Application circuits in series
Application circuits in series and parall
EMC solution-recommended circuit
EMC recommended circuit
EMC solution-recommended circuit PCB layout
Recommended parameter:
Components
Specifications
C1
Safety-regulated X1 film capacitor,
0.1μF/3000VAC
C2
100μF/100V electrolytic capaci-
tor)
D1, D2, D3, D4
Rectifier diode (2A/200V))
Recommended parameter:
Components
Specifications
FUSE
Selected based on the actual
input
current from the customer
MOV
S10K35
TVS
SMC54A
LDM
56μFH
C0
120μF/63V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com