Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDT16 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDT16
Description  Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDT16 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LEDT16 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 6
LEDT16_24 – Rev. 2018-1.1
Specifications subject to change without notice.
LEDT16_24 Series
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
SMD package, simple and
convenient
High efficiency up to 96%
Short Circuit Protection (SCP)
Ultra wide range voltage
input and output
Constant current mode, great
power output
AC-DC, EMC recommended
circuit
PWM dimming & analogue
dimming
Remote ON/OFF
RoHS and UL Compliance
LED Driver
The LED16_24 is a series of step-down constant current source designed for
driving high power LEDs. It features high efficiency, wide input voltage range,
high operating temperature, PWM and analogue dimming, remote ON/OFF con-
trol, and SMD package which facilitates the installation.
It is widely used in LED illumination areas such as decorative light, special con-
trol light, backlight, commercial light, streetlight, in-house light and car light,
etc.
PWM dimming and ON/OFF control (leave open if not used)
Item
Test condition
Min
Typ
Max
Units
Remote ON/OFF
ON
OFF (shutdown)
Open or 2.8V<Vc<6V
Vc<0.6V
Remote pin current
Vc=5V
1
mA
Quiescent input
current
Vin=24V, Vc <0.6V
400
µA
PWM frequency
200
Hz
Analogue dimming (leave open if not used)
Item
Test condition
Min
Typ
Max
Units
Input voltage range Vin=5.5-48V
0-15V
Output current
range
Vin=5.5-48V
0%-100%
Control voltage
range
Full on
Full off
0.2V±50mV
4.5V±200mV
Driving current
Vc=5V
0.6mA(max)
Specifications
Item
Test condition
Min
Typ
Max
Units
Utmost input
voltage
≤10 seconds
5
55
VDC
Recommended
input voltage
5.5
24
48
VDC
Input filter
Capacitor (1µF)
Output voltage
range
Vin=48V
3.3
36
VDC
Input-Output
voltage drop
Vin=5.5~48V, 1~10LEDs
2
4
VDC
Output current
range
See the product
program
Output current
accuracy
±2
±5
%
Output current
stability
Vin=48V, Vo=3.3V~36V
±1
%
Internal power
dissipation
Vin=24V, 5LEDS
Temperature
coefficient
-40 °C to +71 °C
ambient
0.015
%/°C
Efficiency at full
load
96
%
Ripple & Noise
(Vp-p)
120
mV
Short circuit
protection
Continuous,
automatic recovery
Operating tempera-
ture range
• 300mA / 350mA
• 500mA/ 600mA/
700mA
-40
-40
85
71
°C
°C
Storage tempera-
ture range
-55
125
°C
Maximum case
temperature
100
°C
Maximum capacitive
Load
1000
µF
Operating frequen-
cy range
320
370
420
kHz
MTBF
MIL-HDBK-217F(+25°C)
2,000,000
Hours
Case Material
Epoxy Resin (UL94-V0)
Dimensions
23.86*18.10*8.00
mm
Weight
6
g
Model selection:
LEDC_xx-###
LED=Type; C=Case; yy=Vin; ###= Output Current
Example:
LEDT16_24-300
LED= Series T16= SMT16; yy= 24VDC nominal; 300= 0,3A
EMC specifications
EMI conducted
EN55015 power port*
RFI cunducted
EN55015
CISPR22
class B*
ESD
IEC/EN 61000-4-2 level 2 contact ±4KV perf. Criteria B*
R/S
IEC/EN 61000-4-3 level 3 (10V/m)
perf. Criteria A
EFT
IEC/EN 61000-4-4 level 2 (±1KV)
perf. Criteria B*
Surge
IEC/EN 61000-4-5 level 2 (±1KV)
perf. Criteria B*
C/S
IEC/EN 61000-4-6 level 3 (10Vr.ms)
perf. Criteria A
* Refer to EMI/EMC recommended circuit


Similar Part No. - LEDT16

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
LEDT3WCW KNIGHTSBRIDGE-LEDT3WCW Datasheet
261Kb / 2P
24V 3W LED Linkable Triangular Striplight 6000K (300mm)
26/04/2024
logo
Optoelectronic Manufact...
LEDT5 OMC-LEDT5 Datasheet
1Mb / 5P
LED T5 Style Light Tube
logo
ML Accessories Limited....
LEDTCON KNIGHTSBRIDGE-LEDTCON Datasheet
252Kb / 1P
24V DC PVC Connector for LED Triangular Striplights
25/04/2024
LEDTD1 KNIGHTSBRIDGE-LEDTD1 Datasheet
281Kb / 1P
24V DC IP20 Touch Dimmer for LED Linkable Flat Striplights
26/04/2024
More results

Similar Description - LEDT16

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-A GAPTEC-LEDD10-24-A Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD16 GAPTEC-LEDD16 Datasheet
2Mb / 6P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD24 GAPTEC-LEDD24 Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
LEDD24-24-A GAPTEC-LEDD24-24-A Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDD24-24-P GAPTEC-LEDD24-24-P Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10-24-A GAPTEC-LEDW10-24-A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10-24-P GAPTEC-LEDW10-24-P Datasheet
1Mb / 5P
Constant current power LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com