Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDT16 Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDT16
Description  Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDT16 Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  LEDT16 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDT16 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 6
LEDT16_24 – Rev. 2018-1.1
Specifications subject to change without notice.
LEDT16_24 Series
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
Digital dimming control
Analogue dimming control and application sample
Io_set refers to the expected output current value.
Io_norm refers to the rated output current
D refers to the pulse width of the PWM signal
T refers to the cycle of the PWM signal
Note: The formula only supplies as a reference, and the output current
may be a little deviation with different load. The Ton(min) of PWM signal
must be greater than 0.7ms, or the driver can’t be operated normally.
It is natural for the driver to generate an audibly noise in dimming pro-
cess, because the frequency of the control circuit is within human au-
dibly range (20Hz~20KHz). In order to avoid the human eye can observe
the LED flashes, the PWM dimming frequency is recommended to set
above 100Hz.
Analogue dimming circuit
Analogue input voltage vs. output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com