Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDW10 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDW10
Description  Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDW10 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  LEDW10 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 6
LEDW10_24 – Rev. 2018-1.1
Specifications subject to change without notice.
LEDW10_24 Series
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
Ultra wide range voltage
input (5.5-48VDC)
High efficiency up to 96%
Short Circuit Protection (SCP)
Remote ON/OFF
Lead wire package, simple
and convenient
Waterproof Level IP67
With large capacitive loads
(1000µF)
AC-DC, EMC recommended
circuit
PWM dimming & analogue
dimming
Low ripple & noise (<100mV)
RoHS Compliance
LED Driver
The LEDW10_24 is a high-power LED driver designed for the step-down constant
current source. With high efficiency, wide input voltage range, high-temperature
environment, functional and so on. Contains a PWM dimming, analog dimming
and remote shutdown capabilities.
It can be widely used in backlight and 12V, 24V, 36V landscape lighting, special
lighting controls, commercial lighting, street lighting, home lighting, automoti-
ve lighting and other lighting systems. Use of lead type package, allowing custo-
mers to use more convenient.
PWM dimming and ON/OFF control (leave open if not used)
Item
Test condition
Min
Typ
Max
Units
Remote ON/OFF
• ON
• OFF (shutdown)
Open or 2.8V<Vc<6V
Vc<0.6V
Suspended voltage
Vin=24V, 5LEDs
3.3
V
Turn-off-mode sta-
tic input current
Vin=24V, Vc <0.6V
400
µA
Isink
Vc=5V, Vin=24V, 5LEDs
1
mA
Isourse
Vc<0.6V, Vin=24V, 5LEDs
1
mA
PWM frequency*
refer to PWM dimming
control
200
Hz
*Refer to “PWM Dimming Control”
Analogue dimming (leave open if not used)
Item
Test condition
Min
Typ
Max
Units
Input voltage range Vin=5.5-48V
0-15V
Output current
range
Vin=5.5-48V
0%-100%
Control voltage
range
• Full on
• Full off
0.2V±50mV
4.5V±200mV
Driving current
Vc=5V
0.6mA (max)
Specifications
Item
Test condition
Min
Typ
Max
Units
Input voltage limit
≤10 seconds
5
55
VDC
Input voltage range
5.5
24
48
VDC
Min. Input-output
Voltage Drop
Vin=5.5~48V, 1~10LEDs
2
4
VDC
Input filter
Capacitor
Internal power
dissipation
Vin=24V, 5LEDS
700
mW
Output voltage
range
Vin=48V
3.3
36
VDC
Output power
• Io: 300mA
• Io: 350mA
• Io: 500mA
• Io: 600mA
• Io: 700mA
0.99
1.16
1.65
1.98
2.31
10.8
12.6
18
21.6
25.2
W
W
W
W
W
Output current
accuracy
±2
±5
%
Output current
stability
Vin=48V, Vo=3.3V~36V
±1
%
Temperature
coefficient
-40°C to +71°C
ambient
±0.015
%/°C
Ripple & Noise*
20MHz bandwidth
100
mV
Thermal impedance
60
°C/W
Short circuit
protection
Continuous,
automatic recovery
Operating tempera-
ture range
• 300mA/350mA
• 500mA/600mA/
700mA
-40
-40
85
71
°C
°C
Storage tempera-
ture
-55
105
°C
Maximum case
temperature
100
°C
Lead temperature
1.5mm away from the
casing, 10 seconds
265
°C
Humidity
95
%
Switching frequency
320
370
420
kHz
MTBF
MIL-HDBK-217F(+25°C)
1500
Case Material
Epoxy Resin (UL94-V0)
Dimensions
22.30*12.55*9.10
mm
Weight
8.2
g
* Ripple and noise tested with “parallel cable” method, please see DC-DC
Converter Application Notes for specific operation methods.
Model selection:
LEDC_xx-###
LED=Type; C=Case; yy=Vin; ###= Output Current
Example:
LEDW10_24-300
LED= Series W= wired; yy= 24VDC nominal; 300= 0,3A
Note:
1. If the product is not operated within the required load range, the product
performance cannot be guaranteed to comply with all parameters in the
datasheet;
2. The maximum capacitive load offered were tested at nominal input voltage
and full load;
3. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta = 25°C, humidity <75% with nominal input voltage and
rated output load;
4. All index testing methods are based on our Company’s corporate standards;
5. We can provide product customization service;
6. Specifications are subject to change without prior notice.


Similar Part No. - LEDW10

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10 GAPTEC-LEDW10 Datasheet
1Mb / 5P
Constant current power LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDW10-24-A GAPTEC-LEDW10-24-A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10-24-P GAPTEC-LEDW10-24-P Datasheet
1Mb / 5P
Constant current power LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDW10_24-300A GAPTEC-LEDW10_24-300A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
More results

Similar Description - LEDW10

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
LEDD10 GAPTEC-LEDD10 Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-A GAPTEC-LEDD10-24-A Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD10-24-P GAPTEC-LEDD10-24-P Datasheet
2Mb / 5P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD16 GAPTEC-LEDD16 Datasheet
2Mb / 6P
Constant current power LED driver - Wide Input - Non-Isolated & Regulated
LEDD24 GAPTEC-LEDD24 Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver - Wide Input - Non-Isolated & Regulated
LEDD24-24-A GAPTEC-LEDD24-24-A Datasheet
1Mb / 4P
Constant current power DIP24 LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDD24-24-P GAPTEC-LEDD24-24-P Datasheet
1Mb / 5P
Constant current power DIP24 LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
LEDT16 GAPTEC-LEDT16 Datasheet
1Mb / 6P
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
LEDW10-24-A GAPTEC-LEDW10-24-A Datasheet
1Mb / 5P
Constant current power LED Driver with analogue dimming - Wide Input - Non-Isolated & Regulated
LEDW10-24-P GAPTEC-LEDW10-24-P Datasheet
1Mb / 5P
Constant current power LED Driver with PWM dimming - Wide Input - Non-Isolated & Regulated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com