Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDW10 Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # LEDW10
Description  Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

LEDW10 Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  LEDW10 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG LEDW10 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 6
LEDW10_24 – Rev. 2018-1.1
Specifications subject to change without notice.
LEDW10_24 Series
Constant current power LED Driver - Wide Input - Non-Isolated & Regulated
Recommended AC input circuit
Components
Specifications
C1
X1 Safety capacitor,
0.1µF /300VAC (QIYA)
C2
100µF /63V Electrolytic
capacitor (CapXon)
D1, D2, D3,
D4
Rectifier diode
1N4007 1A/1000V
D0-41(PANJIT)
LEDW10_24-xxx
Typical application circuits
If it is necessary to protect LED in actual application, you could connect
a PTC to the input of every channel or all channels, as shown in
Recommended AC input circuit.
Note: The negative output terminal can’t connect GND, or the module
may be damaged.
EMC solution-recommended circuit
Components
Specifications
Tvs
SMC51A,1500W (Bringtking)
L1
CD53-82µH((CEAIYA)(
C1
470µF/100V (CapXon)
C2
225K/50V 1210 X7R (TORCH)
C3
104K/50V 0805 X7R (TORCH)
C4
105K/50V 1210 X7R (TORCH)
C5
102K/2000V 1210 (TDK)
(choose)
C6
470pF/100V 0805 (TORCH)
R1
680Ω
0805 (can be
replaced by inductance or
magnetic bead)
LEDW10_24-xxx
LEDW10_24-xxx
LEDW10_24-xxx



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com