Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4435 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4435
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4435 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4435 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FTK4435
2017. 01. 02
2/4
Revision No : 1
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250µA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V, VGS=0V
-1
µA
Gate body Leakage
lGSS
VDS=0V, VGS=±20V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS =VGS, ID =-250µA
-1
-3
V
VGS =-10V, ID =-9.1A
24
Drain-Source on-state Resistance
(note 2)
RDS(on
)
VGS =-4.5V, ID =-6.9A
35
mΩ
Forward Transconductance (note 2)
gFs
VDS =-10V, ID =-9.1A
20
S
Dynamic Characteristics (note 3)
Input Capacitance
Ciss
1350
Output Capacitance
Coss
215
Reverse Transfer Capacitance
Crss
VDS =-15V,VGS =0V,f =1MHz
185
pF
VDS =-15V,VGS =-10V,ID =-9.1A
50
Total Gate Charge
Qg
25
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
VDS =-15V,VGS =-4.5V,ID =-9.1A
7.5
nC
Gate Resistance
Rg
f =1MHz
5.8
Ω
Turn-On Delay Time
td(on)
15
Rise Time
tr
15
Turn-Off Delay Time
td(off)
70
Fall Time
tf
VDD=-15V,RL=15Ω
ID =-1A,VGEN=-10V,RG=1Ω
25
ns
Drain-Source Body Diode Characteristics
Diode Forward Voltage
VSD
IS=-2A,VGS=0V
-1.2
V
Notes:
1. Surface mounted on 1”×1” FR4 board.
2. Pulse Test : Pulse Width≤300µs, Duty Cycle ≤2%.
3. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com