Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK4435 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK4435
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4435 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK4435 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4435 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FTK4435
2017. 01. 02
3/4
Revision No : 1
Typical Characteristics
-0
-2
-4
-6
-8
-10
0
20
40
60
80
25
50
75
100
125
-1.2
-1.3
-1.4
-1.5
-1.6
-0
-2
-4
-6
-8
-10
-0
-6
-12
-18
-24
-0
-2
-4
-6
-8
-10
0
20
40
60
80
-0.2
-0.4
-0.6
-0.8
-1.0
-1E-3
-0.01
-0.1
-1
-0
-1
-2
-3
-4
-0
-6
-12
-18
-24
V
GS
=-4.5V
V
GS
=-10V
I
D
——
R
DS(ON)
Ta=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
Threshold Voltage
I
D
=-250uA
JUNCTION TEMPERATURE
T
J
(
)
℃
V
GS
=-2.5V
V
GS
=-3V,-3.5V,-4V,-4.5V
V
GS
=-2V
Ta=25℃
Pulsed
Output Characteristics
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
I
D
=-9.1A
Ta=25℃
Pulsed
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE
V
GS
(V)
-2
V
SD
I
S ——
Ta=25℃
Pulsed
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
DS
=-10V
Ta=25℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com