Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF34-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # REF34-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF34-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF34-Q1 Datasheet HTML 13Page - Texas Instruments REF34-Q1 Datasheet HTML 14Page - Texas Instruments REF34-Q1 Datasheet HTML 15Page - Texas Instruments REF34-Q1 Datasheet HTML 16Page - Texas Instruments REF34-Q1 Datasheet HTML 17Page - Texas Instruments REF34-Q1 Datasheet HTML 18Page - Texas Instruments REF34-Q1 Datasheet HTML 19Page - Texas Instruments REF34-Q1 Datasheet HTML 20Page - Texas Instruments REF34-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
10.3.3 Load Current
The REF34-Q1 family is specified to deliver a current load of ±10 mA per output. The VREF output of the device
are protected from short circuits by limiting the output short-circuit current to 18 mA. The device temperature
increases according to Equation 4:
J
A
D
JA
T
T
P
R
T
u
(4)
where
• TJ = junction temperature (°C),
• TA = ambient temperature (°C),
• PD = power dissipated (W), and
• RθJA = junction-to-ambient thermal resistance (°C/W)
The REF34-Q1 maximum junction temperature must not exceed the absolute maximum rating of 150°C.
10.4 Device Functional Modes
10.4.1 EN Pin
When the EN pin of the REF34-Q1 is pulled high, the device is in active mode. The device must be in active
mode for normal operation. The REF34-Q1 can be placed in a low-power mode by pulling the ENABLE pin low.
When in shutdown mode, the output of the device becomes high impedance and the quiescent current of the
device reduces to 2 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage. See
Thermal Information for logic high and logic low voltage levels.
www.ti.com
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com