Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF34-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # REF34-Q1
Description  REF34-Q1 Low-Drift, Low-Power, Small-Footprint Series Voltage References
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF34-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF34-Q1 Datasheet HTML 14Page - Texas Instruments REF34-Q1 Datasheet HTML 15Page - Texas Instruments REF34-Q1 Datasheet HTML 16Page - Texas Instruments REF34-Q1 Datasheet HTML 17Page - Texas Instruments REF34-Q1 Datasheet HTML 18Page - Texas Instruments REF34-Q1 Datasheet HTML 19Page - Texas Instruments REF34-Q1 Datasheet HTML 20Page - Texas Instruments REF34-Q1 Datasheet HTML 21Page - Texas Instruments REF34-Q1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
11 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
11.1 Application Information
As the REF34-Q1 devices have many applications and setups, there are many situations that this data sheet can
not characterize in detail. Basic applications includes positive/negative voltage reference and data acquisition
systems.
Table 11-1. Typical Applications and Companion ADC/DAC
APPLICATIONS
ADC/DAC/CONTROLLER
ADAS
ADS7828-Q1
HEV/EV
ADS7951-Q1, ADS1120-Q1, ADS1258,
BQ76PL455A-Q1
11.2 Typical Applications
11.2.1 Basic Voltage Reference Connection
The circuit shown in Figure 11-1 shows the basic configuration for the REF34-Q1 references. Connect bypass
capacitors according to the guidelines in Section 11.2.1.2.1.
10
10
Input Signal
124
1 nF
ADS7828-Q1
VIN
REF
CIN
1µF
COUT
10 µF
-
+
REF34-Q1
Copyright © 2017, Texas Instruments Incorporated
Figure 11-1. Basic Reference Connection
REF34-Q1
SBAS901C – JULY 2018 – REVISED OCTOBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF34-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com