Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2RR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2RR
Description  Super-mini Signal Conditioners Mini-M Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2RR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2RR Datasheet HTML 1Page - M-System Co.,Ltd. M2RR Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: M2RR
M2RR SPECIFICATIONS
ES-5016 Rev.4 Page 1/2
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
RESISTANCE/RESISTANCE CONVERTER
Functions & Features
• Accepts a resistance input from an RTD and provides a
multiplied resistance value
• High-density mounting
Model
SPAN
ZERO
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2RR–[1]–[2][3]
ORDERING INFORMATION
• Code number: M2RR-[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. M2RR-5-M/Q)
• Input resistance range (e.g. 100 – 150 Ω)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] I/O RATIO
(n = Output / Input)
2 : n = 2
5: n = 5
10: n = 10
0: Specify ‘n’ (≥ 1.20)
[2] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[3] OPTIONS
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input or output to power
Zero adjustment: ±2 % of the output resistance (measuring
current ≤ 2 mA DC)
Span (gain) adjustment: ± 5 % of the output resistance
I/O ratio: 1.20 – 100.00
INPUT SPECIFICATIONS
Resistance: 40 Ω to 5 kΩ
OUTPUT SPECIFICATIONS
Resistance: 80 Ω to 10 kΩ
Maximum measuring voltage: 12 V DC
Minimum measuring current: 1 mA DC
Maximum measuring current: 20 mA DC
Note: AC measurement is unable.
INSTALLATION
Power Consumption
•AC
Approx. 1.0 VA at 100 V
Approx. 2.5 VA at 200 V
Approx. 3.5 VA at 264 V
•DC: Approx. 0.5 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)


Similar Part No. - M2RR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2R014 ETC1-M2R014 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
M2R210 ETC1-M2R210 Datasheet
784Kb / 44P
THERMOPILE TYPE INFRARED SENSOR
logo
M-System Co.,Ltd.
M2REB MSYSTEM-M2REB Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2REB-R21-M2 MSYSTEM-M2REB-R21-M2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2REB-R21-M2/CE MSYSTEM-M2REB-R21-M2/CE Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2RR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com