Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2RR Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2RR
Description  Super-mini Signal Conditioners Mini-M Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2RR Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2RR Datasheet HTML 1Page - M-System Co.,Ltd. M2RR Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: M2RR
M2RR SPECIFICATIONS
ES-5016 Rev.4 Page 2/2
http://www.m-system.co.jp/
PERFORMANCE based on the resistance output
Accuracy: ± 0.1 % or 0.1 Ω, whichever is greater.
Temp. coefficient: ±0.04 %/°C (±0.02 %/°F)
(n = 5, Rin = 100 Ω, Is = 7 mA)
The following equation is applied for other cases:
Temp. coefficient (%/°C) = (5 × n) ÷ (Rin (Ω) × Is (mA))
n = I/O ratio
Rin = Input resistance
Is = Measuring current
Response time: ≤ 50 msec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input or output
to power to ground)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
9
21.5 (.85)
84 (3.31)
10 (.39)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
• When mounting, no extra space is needed between units.
4
8
12
14 13
1
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Output Driver
Base Socket
S
Z
1
4
5
8
Input Resistance
Rin
Measuring Current
Is
Resistance
Computation
+
–
OUTPUT
9
12
U(+)
V(–)
POWER
13
14
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com