Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXOFSC Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SXOFSC
Description  Metal Full lf Size DIP CMOS Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SXOFSC Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SXOFSC Datasheet HTML 1Page - Suntsu Electronics, Inc. SXOFSC Datasheet HTML 2Page - Suntsu Electronics, Inc. SXOFSC Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SXOFSC Series
Metal Full lf Size DIP CMOS Oscillator
20.7mm x 13.1mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Frequency Range
Frequency Stability (Includes Initial
Tolerance at 25°C, Frequency Stability
over Operating Temperature, Output Load
Change, Supply Voltage Change, and First
Year Aging at 25°C.)
Storage Temperature
Supply Voltage (VDD) - 3.3V option
Operating Temperature
Supply Voltage (VDD) - 2.5V option
See part numbering guide for options
See part numbering guide for options
MHz
ppm
°C
V
°C
V
SXO FS C 3 A 48 1 - 40.000M
Cage Code : 4GUT4
To customize your parameters, contact a Suntsu representative.
* For Frequency stability option D, contact a Suntsu representative.
• ±20ppm (Frequency Stability) Available
• Standard Full-Size Package
• CMOS/TTL Compatible
• PC
• Monitor
• Vision Equipment
• Printer
• FAX
Features
Applications
Part Numbering Guide
MHz
COMPLIANT
FREQUENCY
FULL SIZE
TRI-STATE
(ENABLE/DISABLE)
CMOS
OPERATING TEMPERATURE
RANGE
SUPPLY VOLTAGE
FREQUENCY STABILITY
2 : 2.5V±5%
3 : 3.3V±5%
5 : 5.0V±5%
A : ±50ppm
B : ±30ppm
C : ±25ppm
*D : ±20ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
BLANK : No Connection
1 : Pin 1
Supply Voltage (VDD) - 5.0V option
V
Current (IDD) - 2.5V option
Output Load (TTL)
Output Logic Levels High (VOH) - CMOS
Rise (TR) and Fall (TF) Time
Tri-State Input Voltage - Enable
Output Logic Levels Low (VOL) - CMOS
Symmetry (Duty Cycle)
No Connection
mA
TTL
V
ns
V
V
%
Tri-State Input Voltage - Disable
V
Start-Up Time
ms
Phase Jitter (12kHz ~ 20MHz)
3.3
2.5
5.0
50
ps
155.52
+20
+85
+125
3.465
2.625
5.250
20
10
0.1*VDD
5
55
0.3*VDD
10
1
0.0327
-20
-55
3.135
-40
2.375
4.750
0.9*VDD
0.7*VDD
45
SUNTSU OSC
Current (IDD) - 3.3V option
mA
30
Current (IDD) - 5.0V option
mA
40
Output Load (CMOS)
pF
15
Output Logic Levels High (VOH) - TTL
Output Logic Levels Low (VOL) - TTL
V
V
0.4
2.4
Units
Electrical Parameters
Remarks
Typical
Maximum
Minimum


Similar Part No. - SXOFSC

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
SXO TRANSKO-SXO Datasheet
179Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 4: Sep. 2019
logo
PETERMANN-TECHNIK
SXO-03025 PETERMANN-SXO-03025 Datasheet
118Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-05032 PETERMANN-SXO-05032 Datasheet
119Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-0507 PETERMANN-SXO-0507 Datasheet
114Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-1109 PETERMANN-SXO-1109 Datasheet
126Kb / 2P
HIGH RELIABILITY FOR LOW COST
More results

Similar Description - SXOFSC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
ILSI America LLC
I121 ILSI-I121 Datasheet
51Kb / 2P
Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I123 ILSI-I123 Datasheet
43Kb / 2P
Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I401 ILSI-I401 Datasheet
43Kb / 2P
Leaded Oscillator, OCXO Metal Package, Full Size DIP
logo
Abracon Corporation
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
Suntsu Electronics, Inc...
SXOHSC SUNTSU-SXOHSC Datasheet
373Kb / 3P
Metal Half Size DIP CMOS Oscillator
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SSTFSC SUNTSU-SSTFSC Datasheet
447Kb / 3P
Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
STCFSC SUNTSU-STCFSC Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
SVCFSC SUNTSU-SVCFSC Datasheet
374Kb / 3P
Metal Full Size Dip CMOS VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com