Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC3470DFN22 Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # FC3470DFN22
Description  600kHz, 18V, 2.0A Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470DFN22 Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button FC3470DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 10Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 11Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 12Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PACKAGE INFORMATION
DFN2x2-6
Unit: mm
Symbol
Dimensions In Millimeters
Symbol
Dimensions In Millimeters
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
e
0.65 BSC
0.80
0.85
0.90
L
0.30
0.35
0.40
A1
0
0.02
0.05
K
0.25
-
-
A3
-
0.20 REF
-
aaa
0.15
b
0.25
0.30
0.35
bbb
0.10
D
2.00 BSC
ccc
0.10
E
2.00 BSC
ddd
0.05
D2
1.40
1.50
1.60
eee
0.08
E2
0.70
0.80
0.90
fff
0.10
Note:
1) All dimensions are in millimeters. Angles are in degree.
2) Dimensoning and tolerancing confirm to ASME Y14.5M-1994.
3) Unilateral coplanarity zone applies to the exposed heat sink slug as well as the thermals.
4) Dimension b applies to metallized terminal and is measured between 0.150mm to 0.30mm form the thermal tip.
Dimension b should not be measured in radius area.
5) All specs take JEDEC MO-229 for reference.
FC3470DFN22
2019. 11. 29
12/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com