Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC3470DFN22 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FC3470DFN22
Description  600kHz, 18V, 2.0A Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470DFN22 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FC3470DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 10Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 11Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 12Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TAPE AND REEL INFORMATION
TAPE DIMENSIONS: DFN2x2-6
REEL DIMENSIONS: DFN2x2-6
Customer Specifica�ons (Unit: mm)
TAPE WIDTH
A
(±1.0)
N
(±2.0)
W1
(+1.5/-0)
W2
(Max)
8
178.0
54.0
8.4
14.4
Note:
1)
All Dimensions are in Millimeter
2)
Quantity of Units per Reel is 3000
3)
MSL level is level 3.
FC3470DFN22
2019. 11. 29
13/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com