Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7618 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV7618
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7618 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV7618 Datasheet HTML 7Page - STMicroelectronics STV7618 Datasheet HTML 8Page - STMicroelectronics STV7618 Datasheet HTML 9Page - STMicroelectronics STV7618 Datasheet HTML 10Page - STMicroelectronics STV7618 Datasheet HTML 11Page - STMicroelectronics STV7618 Datasheet HTML 12Page - STMicroelectronics STV7618 Datasheet HTML 13Page - STMicroelectronics STV7618 Datasheet HTML 14Page - STMicroelectronics STV7618 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STV7618
11/15
7 - ABSOLUTE MAXIMUM RATINGS
Note 1 Through one power output (all power outputs).
Note 2 Through one power output for all power outputs (see Test Diagram) with Junction temperature lower or equal than
Tjmax.
Note 3 These parameters are measured during ST’s internal qualification which includes temperature characterisation
on standard
batches and on corners batches of the process. These parameters are not tested on the parts.
Note 4 Transient current. Spike current duration inferior to 300ns.
Symbol
Parameter
Value
Unit
Vcc
Logic supply range
-0.3, +7
V
Vpp
Driver supply range
-0.3, +90
V
Vin
Logic input voltage range
-0.3, Vcc+0.3
V
Ipout
Driver Output Current ( Note 1) ( Note 3) ( Note 4)
-150 / +150
mA
Idout
Diode Output Current ( Note 2) ( Note 3) ( Note 4)
-200 / +300
mA
Tjmax
Maximum junction temperature
125
°C
Tstg
Storage temperature range
-50, +150
°C
Toper
Operating ambient temperature
-20, +85
°C
Vout
Output power voltage range
-0.3, +90
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com