Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7618 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV7618
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7618 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV7618 Datasheet HTML 8Page - STMicroelectronics STV7618 Datasheet HTML 9Page - STMicroelectronics STV7618 Datasheet HTML 10Page - STMicroelectronics STV7618 Datasheet HTML 11Page - STMicroelectronics STV7618 Datasheet HTML 12Page - STMicroelectronics STV7618 Datasheet HTML 13Page - STMicroelectronics STV7618 Datasheet HTML 14Page - STMicroelectronics STV7618 Datasheet HTML 15Page - STMicroelectronics STV7618 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
STV7618
12/15
ELECTRICAL CHARACTERISTICS
(Vcc = 5V, Vpp = 70V, Vssp = 0V, Vss = 0V, Tamb = 25
°C, FCLK = 40 MHz, unless otherwise specified)
Note 5: Logic input levels compatible with 5V CMOS logic
Note 6: All data inputs are commuted at 10MHz
Note 7: see Figure 2.Test configuration page15
Note 8: This parameter is measured during ST’s internal qualification which includes temperature characterization on
standard and corner batches of the process. This parameter is not tested on the part.
Symbol
Parameter
Min
Typ
Max
Unit
SUPPLY
Vcc
Logic supply voltage
4.50
5
5.5
V
Icc
Logic supply current (Note 5)
-
100
µA
Iccl
Logic Dynamic Supply Current (
FCLK=20Mhz) (Note 6)
-
20
-
mA
Icc
Logic Supply Current (Vih=2.0V)
500
750
µA
Vpp
Power output supply voltage - DC mode
15
70
V
Vpp
Power output supply voltage - AC mode
15
75
V
Ipph
Power output supply current
(steady outputs)
-
-
100
µA
OUTPUT
OUT1-OUT96
Vpouth
Power output high level (voltage drop versus Vpp)
@Ipouth = - 25mA and Vpp = 70V
-11
16
V
Vpoutl
Power output low level
@ Ipoutl = + 25mA
-
8
13
V
Vdouth
Output diode voltage drop
@ Idouth = + 30mA (Note 7)
-1
2
V
Vdoutl
Output diode voltage drop
@ Idoutl = - 30mA (Note 7)
-2
-1
-
V
INPUT
CLK, F/R, STB, POC, BLK, BS, A1-A6
Vih
Input high level
2.0
-
-
V
Vil
Input low level
-
-
0.9
V
Iih
High level input current (Vih >=2.0V)
-
-
5
µA
Iil
Low level input current (Vil = 0v)
-
-
5
µA
Cin
Input capacitance (Note 8)
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com