Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C453EBAA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P87C453EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C453EBAA Datasheet(HTML) 4 Page - NXP Semiconductors

  P87C453EBAA Datasheet HTML 1Page - NXP Semiconductors P87C453EBAA Datasheet HTML 2Page - NXP Semiconductors P87C453EBAA Datasheet HTML 3Page - NXP Semiconductors P87C453EBAA Datasheet HTML 4Page - NXP Semiconductors P87C453EBAA Datasheet HTML 5Page - NXP Semiconductors P87C453EBAA Datasheet HTML 6Page - NXP Semiconductors P87C453EBAA Datasheet HTML 7Page - NXP Semiconductors P87C453EBAA Datasheet HTML 8Page - NXP Semiconductors P87C453EBAA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Philips Semiconductors
Preliminary specification
80C453/83C453/87C453
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
3-314
PIN DESCRIPTION
MNEMONIC
PIN NO.
TYPE
NAME AND FUNCTION
VSS
54
I
Ground: 0V reference.
VCC
18
I
Power Supply: This is the power supply voltage for normal, idle, and power-down operation.
P0.0–0.7
17-10
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 is also the multiplexed data and low-order
address bus during accesses to external memory. External pull-ups are required during program
verification. Port 0 can sink/source eight LS TTL inputs.
P1.0–P1.7
27-34
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1 receives the low-order address
bytes during program memory verification. Port 1 can sink/source three LS TTL inputs, and drive CMOS
inputs without external pull-ups.
P2.0–P2.7
2-9
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2 emits the high-order address
bytes during access to external memory and receives the high-order address bits and control signals
during program verification. Port 2 can sink/source three LS TTL inputs, and drive CMOS inputs without
external pull-ups.
P3.0–P3.7
36-43
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3 can sink/source three LS TTL
inputs, and drive CMOS inputs without external pull-ups. Port 3 also serves the special functions listed
below:
36
I
RxD (P3.0): Serial input port
37
O
TxD (P3.1): Serial output port
38
I
INT0 (P3.2): External interrupt
39
I
INT1 (P3.3): External interrupt
40
I
T0 (P3.4): Timer 0 external input
41
I
T1 (P3.5): Timer 1 external input
42
O
WR (P3.6): External data memory write strobe
43
O
RD (P3.7): External data memory read strobe
P4.0–P4.3
P4.0–P4.7
26-19
I/O
I/O
Port 4: Port 4 is an 8-bit bidirectional I/O port with internal pull-ups. Port 4 can sink/source three LS TTL
inputs and drive CMOS inputs without external pull-ups.
P5.0–P5.7
44-51
I/O
Port 5: Port 5 is an 8-bit bidirectional I/O port with internal pull-ups. Port 5 can sink/source three LS TTL
inputs and drive CMOS inputs without external pull-ups.
P6.0–P6.7
59-66
I/O
Port 6: Port 6 is a specialized 8-bit bidirectional I/O port with internal pull-ups. This special port can
sink/source three LS TTL inputs and drive CMOS inputs without external pull-ups. Port 6 can be used in a
strobed or non-strobed mode of operation. Port 6 works in conjunction with four control pins that serve the
functions listed below:
ODS
55
I
ODS: Output data strobe
IDS
56
I
IDS: Input data strobe
BFLAG
57
I/O
BFLAG: Bidirectional I/O pin with internal pull-ups
AFLAG
58
I/O
AFLAG: Bidirectional I/O pin with internal pull-ups
RST
35
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the device. An
internal pull-down resistor permits a power-on reset using only an external capacitor connected to VCC.
ALE/PROG
68
I/O
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the address during an
access to external memory. ALE is activated at a constant rate of 1/6 the oscillator frequency except during
an external data memory access, at which time one ALE is skipped. ALE can sink/source three LS TTL
inputs and drive CMOS inputs without external pull-ups. This pin is also the program pulse during EPROM
programming.
PSEN
67
O
Program Store Enable: The read strobe to external program memory. PSEN is activated twice each
machine cycle during fetches from external program memory. However, when executing out of external
program memory, two activations of PSEN are skipped during each access to external program memory.
PSEN is not activated during fetches from internal program memory. PSEN can sink/source eight LS TTL
inputs and drive CMOS inputs without an external pull-up. This pin should be tied low during programming.
EA/VPP
1
I
Instruction Execution Control/Programming Supply Voltage: When EA is held high, the CPU executes
out of internal program memory, unless the program counter exceeds 1FFFH. When EA is held low, the
CPU executes out of external program memory. EA must never be allowed to float. This pin also receives
the 12.75V programming supply voltage (VPP) during EPROM programming.
XTAL1
53
I
Crystal 1: Input to the inverting oscillator amplifier that forms the oscillator. This input receives the external
oscillator when an external oscillator is used.
XTAL2
52
O
Crystal 2: An output of the inverting amplifier that forms the oscillator. This pin should be floated when an
external oscillator is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com