Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C453EBAA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C453EBAA
Description  CMOS single-chip 8-bit microcontrollers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C453EBAA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C453EBAA Datasheet HTML 3Page - NXP Semiconductors P87C453EBAA Datasheet HTML 4Page - NXP Semiconductors P87C453EBAA Datasheet HTML 5Page - NXP Semiconductors P87C453EBAA Datasheet HTML 6Page - NXP Semiconductors P87C453EBAA Datasheet HTML 7Page - NXP Semiconductors P87C453EBAA Datasheet HTML 8Page - NXP Semiconductors P87C453EBAA Datasheet HTML 9Page - NXP Semiconductors P87C453EBAA Datasheet HTML 10Page - NXP Semiconductors P87C453EBAA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Philips Semiconductors
Preliminary specification
80C453/83C453/87C453
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
3-317
PX0
LSB
MSB
BIT
SYMBOL
FUNCTION
IP.7
—
Reserved.
IP.6
POB
Defines the Output Buffer Full interrupt (IOB) priority level. POB=1 programs it to the higher
priority level.
IP.5
PIB
Defines the Input Buffer Full interrupt (IIB) priority level. PIB=1 programs it to the higher
priority level.
IP.4
PS
Defines the Serial Port interrupt priority level. PS=1 programs it to the higher priority level.
IP.3
PT1
Defines the Timer 1 interrupt priority level. PT1=1 programs it to the higher priority level.
IP.2
PX1
Defines the External Interrupt 1 priority level. PX1=1 programs it to the higher priority level.
IP.1
PT0
Enables or disables the Timer 0 interrupt priority level. PT0=1 programs it to the higher prior-
ity level.
IP.0
PX0
Defines the External Interrupt 0 priority level. PX0=1 programs it to the higher priority level.
SU00564
PT0
PX1
PT1
PS
PIB
POB
—
Figure 3. 8XC453 Interrupt Priority (IP) Register
IDL
PCON (87H)
BIT
SYMBOL
FUNCTION
PCON.7
SMOD1
Double Baud rate bit. When set to a 1 and Timer 1 is used to generate baud rate, and the Serial Port
is used in modes 1, 2, or 3.
PCON.6
SMOD0
If set to 1, SCON.7 will be the Framing Error bit (FE). If PCON.6 is cleared, SCON.7 will be SM0.
PCON.5
—
Reserved.
PCON.4
POF
Power Off Flag is set during power on of VCC. If then cleared by software, it can be used to determine
if a warm start has occurred.
PCON.3
GF1
General-purpose flag bit.
PCON.2
GF0
General-purpose flag bit.
PCON.1
PD
Power-Down bit. Setting this bit activates power-down mode. It can only be set if input EW is high.
PCON.0
IDL
Idle mode bit. Setting this bit activates the idle mode.
If logic 1s are written to PD and IDL at the same time, PD takes precedence.
SU00565
PD
GF0
GF1
POF
—
SMOD2
SMOD1
0
1
2
3
4
5
6
7
Figure 4. Power Control Register (PCON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com