Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80CL31 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 80CL31
Description  Low-voltage single-chip 8-bit microcontrollers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80CL31 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 80CL31 Datasheet HTML 17Page - NXP Semiconductors 80CL31 Datasheet HTML 18Page - NXP Semiconductors 80CL31 Datasheet HTML 19Page - NXP Semiconductors 80CL31 Datasheet HTML 20Page - NXP Semiconductors 80CL31 Datasheet HTML 21Page - NXP Semiconductors 80CL31 Datasheet HTML 22Page - NXP Semiconductors 80CL31 Datasheet HTML 23Page - NXP Semiconductors 80CL31 Datasheet HTML 24Page - NXP Semiconductors 80CL31 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Philips Semiconductors
Product specification
80CL31/80CL51
Low-voltage single-chip 8-bit microcontrollers
January 1995
21
Interrupt polarity register IX1
IX1 (E9H)
IL9
IL8
IL7
IL6
IL5
IL4
IL3
IL2
Bit
Symbol
Function
IX1.7
IL9
External interrupt 9 polarity level
IX1.6
IL8
External interrupt 8 polarity level
IX1.5
IL7
External interrupt 7 polarity level
IX1.4
IL6
External interrupt 6 polarity level
IX1.3
IL5
External interrupt 5 polarity level
IX1.2
IL4
External interrupt 4 polarity level
IX1.1
IL3
External interrupt 3 polarity level
IX1.0
IL2
External interrupt 2 polarity level
Interrupt request flag register IRQ1
IRQ1 (C0H)
IQ9
IQ8
IQ7
IQ6
IQ5
IQ4
IQ3
IQ2
Bit
Symbol
Function
IRQ1.7 IQ9 External interrupt 9 request flag
IRQ1.6 IQ8 External interrupt 8 request flag
IRQ1.5 IQ7 External interrupt 7 request flag
IRQ1.4 IQ6 External interrupt 6 request flag
IRQ1.3 IQ5 External interrupt 5 request flag
IRQ1.2 IQ4 External interrupt 4 request flag
IRQ1.1 IQ3 External interrupt 3 request flag
IRQ1.0 IQ2 External interrupt 2 request flag
1.6.2
Interrupt Vectors
Vector
Source
X0
0003H
External 0
S0
0023H
UART SIO
X5
0053H
External 5
T0
000BH
Timer 0
X6
005BH
External 6
X1
0013H
External 1
X2
003BH
External 2
X7
0063H
External 7
T1
001BH
Timer 1
X3
0043H
External 3
X8
006BH
External 8
X4
004BH
External 4
X9
0073H
External 9
Interrupt priority
Each interrupt priority source can be set to either high or low priority.
If both priorities are requested simultaneously, the controller will
branch to the high priority vector.
A low priority interrupt can only be interrupted by a high priority
interrupt. A high priority interrupt routine cannot be interrupted.
1.6.3
Related registers
The following registers are used in conjunction with the interrupt
system:
Register
Function
IX1
Interrupt polarity register
IRQ1 Interrupt enable register
IEN1 Interrupt enable register (INT2-INT9)
IP0
Interrupt priority register
IP1
Interrupt priority register (INT2-INT9)
1.7
Oscillator registers
The on-chip circuitry of the 80CL51 is a single-stage inverting
amplifier biased by an internal feedback resistor (Figure 13). For
operation as standard quartz oscillator, no external components are
needed except at 32 KHz. When using external capacitors, ceramic
resonators, coils and RC networks to drive the oscillator, five
different configurations are supported (see Figure 14 and oscillator
options).
In the Power-down mode the oscillator is stopped XTAL1 is pulled
HIGH. The oscillator inverter is switched off to ensure no current will
flow regardless of the voltage at XTAL1. To drive the device with an
external clock source, apply the external clock signal to XTAL1, and
leave XTAL2 to float, as shown in Figure 14(f). There are no
requirements on the duty cycle of the external clock, since the input
to the internal clocking circuitry is split sing a flip-flop.
The following options are provided for optimum on-chip oscillator
performance. Please state option when ordering
.
1.7.1
Oscillator options (see Figure 14)
The following options are provided for optimum on-chip oscillator
performance. Please state option when ordering.
Osc.1:
Figure 14(c): An option for 32 kHz clock applications with
external trimmer for frequency adjustment. A 4.7 MQ bias
resistor is needed for use in parallel with the crystal.
Osc. 2: Figure 14(e): An option for low-power, low-frequency
operations using LC components.
Osc. 3: An option for medium frequency range applications.
Osc. 4: An option for high frequency range applications.
RC:
Figure 14(g): An option for an RC oscillator.
Figure 13. Oscillator
80CL51
VDD
C1i
Rbias
VDD
TO INTERNAL
TIMING CIRCUITS
VDD
C2i
PD
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com