Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTFSC Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SSTFSC
Description  Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SSTFSC Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SSTFSC Datasheet HTML 1Page - Suntsu Electronics, Inc. SSTFSC Datasheet HTML 2Page - Suntsu Electronics, Inc. SSTFSC Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SSTFSC Series
Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
18.3mm x 11.7mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Output Level Low (VOL)
V
0.1*VDD
Output Level High (VOH)
V
0.9*VDD
• Stratum 3 (Overall ±4.6ppm )
• CMOS
• (VC)TCXO
• Base Stations
• Stratum 3
Features
Applications
Frequency Range
Freq. Stability vs. Supply Voltage
Freq. Stability vs. Aging/Year
Freq. Stability vs. Op Temp.
Operating Temperature
Storage Temperature
VDD ±5% Change
1 year, ±2.6ppm for 10years
See part numbering guide for options.
See part numbering guide for options.
MHz
ppm
ppm
ppm
°C
°C
40
0.1
1.0
+85
+125
2
-0.1
-1.0
-1.0
-40
-55
Supply Voltage (VDD) - 3.3V Option
Supply Voltage (VDD) - 5.0V Option
Current (IDD)
3.3
5.0
V
V
mA
3.465
5.250
20
3.135
4.750
+1.0
Freq. Stability vs. Load
±5% Change
ppm
0.1
-0.1
Frequency Tolerance at +25ºC
ppm
-0.3
+0.3
Current (VC, VCTCXO) - 3.3V Option
Output Load (CMOS)
Start-Up Time
Pullability (VCTCXO)
Frequency Adjustment
Phase Noise (Typical) 10Hz Offset
Phase Noise (Typical) 100Hz Offset
See part numbering guide for options.
50
-80
V
pF
%
PPM
ms
ppm
dBc/Hz
3.0
15
60
3
0.3
40
±5.0
3
Phase Noise (Typical) 1KHz Offset
Phase Noise (Typical) 10KHz Offset
Phase Noise (Typical) 100KHz Offset
-120
-135
-140
dBc/Hz
dBc/Hz
dBc/Hz
±12.0
Symmetry (Duty Cycle)
ns
10
Current (VC, VCTCXO) - 5.0V Option
V
0.5
4.5
-145
dBc/Hz
Rise (TR) And Fall (TF) Time
Linearity (VCTCXO)
%
20
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
SST FS C 33 R 48 V E - 10.000M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU
STRATUM 3 TCXO
FULL SIZE
CMOS
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
R : ±1.0ppm
27 : -20°C - +70°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
33 : 3.3V±5%
50 : 5.0V±5%
PULLABILITY
BLANK : TCXO
E : ±12.0ppm
F : ±8.0ppm
G : ±5.0ppm
TCXO/VCTCXO
BLANK : TCXO
V : VCTCXO
OPERATING
TEMPERATURE RANGE


Similar Part No. - SSTFSC

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SSTFSK SUNTSU-SSTFSK Datasheet
394Kb / 3P
Metal Full Size Dip Stratum 3 Clipped Sinewave (VC)TCXO
SSTFSK33R27 SUNTSU-SSTFSK33R27 Datasheet
394Kb / 3P
Metal Full Size Dip Stratum 3 Clipped Sinewave (VC)TCXO
SSTFSK33R27E SUNTSU-SSTFSK33R27E Datasheet
394Kb / 3P
Metal Full Size Dip Stratum 3 Clipped Sinewave (VC)TCXO
SSTFSK33R27F SUNTSU-SSTFSK33R27F Datasheet
394Kb / 3P
Metal Full Size Dip Stratum 3 Clipped Sinewave (VC)TCXO
SSTFSK33R27G SUNTSU-SSTFSK33R27G Datasheet
394Kb / 3P
Metal Full Size Dip Stratum 3 Clipped Sinewave (VC)TCXO
More results

Similar Description - SSTFSC

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I123 ILSI-I123 Datasheet
43Kb / 2P
Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
logo
Golledge Electronics Lt...
HTFL GOLLEDGE-HTFL Datasheet
152Kb / 1P
3.3V CMOS TCXO Stratum 3
logo
Suntsu Electronics, Inc...
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SST20C SUNTSU-SST20C Datasheet
415Kb / 3P
Metal Stratum 3 DIP CMOS (VC) TCXO
SST75C SUNTSU-SST75C Datasheet
785Kb / 4P
Ceramic Stratum 3 SMT 10 Pad CMOS (VC)TCXO
SSTFSK SUNTSU-SSTFSK Datasheet
394Kb / 3P
Metal Full Size Dip Stratum 3 Clipped Sinewave (VC)TCXO
STCFSC SUNTSU-STCFSC Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
STCFSK SUNTSU-STCFSK Datasheet
398Kb / 3P
Metal Full Size Dip Clipped Sinewave (VC)TCXO
SVCFSC SUNTSU-SVCFSC Datasheet
374Kb / 3P
Metal Full Size Dip CMOS VCXO
logo
ECS, Inc.
ECS-TXO53-S3 ECS-ECS-TXO53-S3 Datasheet
1Mb / 3P
CMOS TCXO/VC-TCXO Stratum 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com