Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTFSC Datasheet(PDF) 2 Page - Suntsu Electronics, Inc.

Part # SSTFSC
Description  Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SSTFSC Datasheet(HTML) 2 Page - Suntsu Electronics, Inc.

  SSTFSC Datasheet HTML 1Page - Suntsu Electronics, Inc. SSTFSC Datasheet HTML 2Page - Suntsu Electronics, Inc. SSTFSC Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SSTFSC Series
Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
18.3mm x 11.7mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.
Outline Drawing & Part Marking
Test Circuit (CMOS)
Typical Phase Noise And Jitter Performance (Measured By Agilent E5052A)
Waveform (CMOS)
Frequency - 24.576MHz
Frequency - 24.576MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com