Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-S128K32C-035P2Q Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT-S128K32C-035P2Q
Description  High Speed 4 Megabit SRAM Multichip Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32C-035P2Q Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT-S128K32C-035P2Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A
A
Aeroflex Circuit Technology ACT-S128K32
SCD1659 REV E 5/21/01 Plainview NY (516) 694-6700
3
Standby Current
ISB
CE = VIH, OE = VIH,
f = 5 MHz, VCC = Max,
CMOS Compatible
80
60
60
mA
Output Low Voltage
VOL
IOL = 8 mA, VCC = Min
0.4
0.4
0.4
V
Output High Voltage
VOH
IOH = -4.0 mA, VCC = Min
2.4
2.4
2.4
V
AC Characteristics
(VCC = 5.0V, VSS = 0V, TC = -55°C to +125°C)
Read Cycle
Parameter
Sym
–017
Min Max
–020
Min Max
–025
Min Max
–035
Min Max
–045
Min Max
–055
Min Max
Units
Read Cycle Time
tRC
17
20
25
35
45
55
ns
Address Access Time
tAA
17
20
25
35
45
55
ns
Chip Enable Access Time
tACE
17
20
25
35
45
55
ns
Output Hold from Address Change
tOH
00
00
00
ns
Output Enable to Output Valid
tOE
9
1215
2025
30
ns
Chip Enable to Output in Low Z*
tCLZ
33
33
33
ns
Output Enable to Output in Low Z*
tOLZ
00
00
00
ns
Chip Deselect to Output in High Z*
tCHZ
12
12
12
15
20
20
ns
Output Disable to Output in High Z*
tOHZ
10
11
12
15
20
20
ns
* Parameters guaranteed by design but not tested
Write Cycle
Parameter
Sym
–017
Min Max
–020
Min Max
–025
Min Max
–035
Min Max
–045
Min Max
–055
Min Max
Units
Write Cycle Time
tWC
17
20
25
35
45
55
ns
Chip Enable to End of Write
tCW
12
15
20
25
30
40
ns
Address Valid to End of Write
tAW
12
15
20
25
30
40
ns
Data Valid to End of Write
tDW
10
12
15
18
20
20
ns
Write Pulse Width
tWP
13
15
20
25
30
40
ns
Address Setup Time
tAS
00
00
00
ns
Output Active from End of Write *
tOW
33
34
44
ns
Write to Output in High Z *
tWHZ
10
10
10
15
15
15
ns
Data Hold from Write Time
tDH
00
00
00
ns
Address Hold Time
tAH
00
00
00
ns
* Parameters guaranteed by design but not tested
Data Retention Electrical Characteristics (Special Order Only)
(TC = -55°C to +125°C)
Parameter
Sym
Test Conditions
All Speeds
Min
Max
Units
VCC for Data Retention
VDR
CE
≥ V
CC – 0.2V
25.5
V
Data Retention Current
ICCDR1
VCC = 3V, 17-55ns
11.6
mA
DC Characteristics (Continued)
(4.5Vdc< VCC < 5.5Vdc, VSS = 0V, TC = -55°C to +125°C, Unless otherwise specified)
Parameter
Sym
Conditions
–017 & –020
Min
Max
–025 & –035
Min
Max
–045 & –055
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com