Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-S128K32C-035P2Q Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT-S128K32C-035P2Q
Description  High Speed 4 Megabit SRAM Multichip Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32C-035P2Q Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT-S128K32C-035P2Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32C-035P2Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A
A
Aeroflex Circuit Technology ACT-S128K32
SCD1659 REV E 5/21/01 Plainview NY (516) 694-6700
4
Timing Diagrams
DI/O
tRC
tOH
tAA
Data Valid
Previous Data Valid
tOE
High Z
tOHZ
Read Cycle Timing Diagrams
Data Valid
tCLZ
CE
OE
tACE
tCHZ
UNDEFINED
DON’T CARE
Read Cycle 2 (WE = VIH)
Write Cycle 2 (CE Controlled, OE = VIH )
tCW
tAS
tWP
tDW
tOW
CE
WE
Data Valid
Write Cycle 1 (WE Controlled, OE = VIL)
DI/O
AC Test Circuit
IOL
Parameter
Typical
Units
Input Pulse Level
0 – 3.0
V
Input Rise and Fall
5
ns
Input and Output Timing Reference Level
1.5
V
Output Lead Capacitance
50
pF
Notes:
1) VZ is programmable from -2V to +7V. 2) IOL and IOH programmable from 0 to 16 mA. 3) Tester Impedance
ZO =75
Ω. 4) VZ is typically the midpoint of VOH and VOL. 5) IOL and IOH are adjusted to simulate a typical resistance
load circuit. 6) ATE Tester includes jig capacitance.
IOH
To Device Under Test
VZ ~ 1.5 V (Bipolar Supply)
Current Source
Current Source
CL =
50 pF
tWC
tAW
tAH
tRC
tAA
tOLZ
SEE NOTE
SEE NOTE
SEE NOTE
SEE NOTE
Note: Guaranteed by design, but not tested.
DI/O
tDH
tWHZ
SEE NOTE
Read Cycle 1 (CE = OE = VIL, WE = VIH)
Write Cycle Timing Diagrams
tWP
tDW
Data Valid
tWC
tAW
tAH
DI/O
tDH
CE
WE
tCW
tAS
A0-16
A0-16
A0-16
A0-16
SEE NOTE
Note: Guaranteed by design, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com