Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XF2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2XF2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XF2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2XF2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XF2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XF2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XF2 Datasheet HTML 4Page - M-System Co.,Ltd. M2XF2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: M2XF2
M2XF2 SPECIFICATIONS
ES-5085 Rev.12 Page 3/5
http://www.m-system.co.jp/
PERFORMANCE in percentage of span
Overall accuracy:
Input accuracy + output accuracy [gain ≤ 1]
(inp. accuracy + out. accuracy) × gain [gain > 1]
Inversely proportional to the span.
Except the accuracy of input resistor.
See CALCULATION EXAMPLES OF OVERALL ACURACY.
• Input accuracy: (% of max. input range)
-1 – +1 V : ±0.01 %
-10 – +10 V : ±0.01 %
0 – 50 mA : ±0.02 %
• Output accuracy: ±0.04 % of max. output range
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
at -5 to +55°C [23 to 131°F]
Response time: ≤ 0.9 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input Type -10 – +10 V, Input Range 1 – 5 V,
Output Type 0 – 20 mA, Output Range 4 – 20 mA
Max. Input Range (20 V) ÷ Span (4 V) × 0.01 % = 0.05 %
Max. Output Range (20 mA) ÷ Span (16 mA) × 0.04 %
= 0.05 %
Overall accuracy = 0.05 + 0.05 = ±0.10 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com