Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XF2 Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M2XF2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XF2 Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M2XF2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XF2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XF2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XF2 Datasheet HTML 4Page - M-System Co.,Ltd. M2XF2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M2XF2
M2XF2 SPECIFICATIONS
ES-5085 Rev.12 Page 5/5
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS unit: mm (inch)
5
8
9
12
14 13
INPUT RESISTOR
(model: REM2)
Input shunt resistor attached
for current input.
1
4
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
+
–
Isolation
*
Base Socket
*Input shunt resistor attached for current input.
INPUT
1
Low Drift
Amplifier
Output
Driver
OUTPUT
R
4
5
8
Digital
Computation
ZERO/SPAN
SELECTOR
INPUT RANGE
SELECTOR
OUTPUT RANGE
SELECTORS
UP/DOWN
SWITCHES
CONFIGURATOR
JACK
9
12
U(+)
V(–)
POWER
13
14
STATUS
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com