Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2VF3 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2VF3
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2VF3 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2VF3 Datasheet HTML 1Page - M-System Co.,Ltd. M2VF3 Datasheet HTML 2Page - M-System Co.,Ltd. M2VF3 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M2VF3
M2VF3 SPECIFICATIONS
ES-5107 Rev.7 Page 1/3
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
SIGNAL TRANSMITTER
(high-accuracy, ultra-high speed response 30 μsec.)
Functions & Features
• Converts DC input from a sensor into a standard process
signal
• Frequency characteristics 12 kHz (-3 dB)
• 30-microsecond response
Typical Applications
• Isolation for a vibration analyzing system
• Isolation for Discharge/Charge tester
Model
SPAN
ZERO
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2VF3–[1]4W–R[2]
ORDERING INFORMATION
• Code number: M2VF3-[1]4W-R[2]
Specify a code from below for each of [1] and [2].
(e.g. M2VF3-04W-R/CE/Q)
• Special input range (For code 0: e.g. -164 – +164 mV DC)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Voltage
2W: -100 – +100 mV DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
8W: -20 – +20 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (Select input range as indicated below)
-20 – +20 mV DC
-24 – +24 mV DC
-40 – +40 mV DC
-85 – +85 mV DC
-164 – +164 mV DC
-200 – +200 mV DC
-15 – +15 V DC
-25 – +25 V DC
-55 – +55 V DC
-60 – +60 V DC
-300 – +300 V DC *
-350 – +350 V DC *
-400 – +400 V DC *
-600 – +600 V DC *
-800 – +800 V DC *
* Select ‘/N’ for ‘Standards & Approvals’ code.
Multiple installation bases are unable.
OUTPUT
Voltage
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange input: -5 to +105 %
Zero adjustment: -1 to +1 %; multi-turn screwdriver
adjustments (front)
Span adjustment: 99 to 101 %; multi-turn screwdriver
adjustments (front)
Power LED: Green LED turns on when the power is supplied.


Similar Part No. - M2VF3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2VF-00-M2 MSYSTEM-M2VF-00-M2 Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2VF-00-M2/CE MSYSTEM-M2VF-00-M2/CE Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2VF-00-M2/N MSYSTEM-M2VF-00-M2/N Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2VF-00-M2/Q MSYSTEM-M2VF-00-M2/Q Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2VF3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com