Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2VF3 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2VF3
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2VF3 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2VF3 Datasheet HTML 1Page - M-System Co.,Ltd. M2VF3 Datasheet HTML 2Page - M-System Co.,Ltd. M2VF3 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M2VF3
M2VF3 SPECIFICATIONS
ES-5107 Rev.7 Page 2/3
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Input resistance: ≥ 1 MΩ (3 kΩ min. in power failure)
OUTPUT SPECIFICATIONS
Parallel load capacitance: ≤ 2000 pF
INSTALLATION
Power consumption
•DC: ≤ 0.6 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.01 %
Temp. coefficient: ±0.005 %/°C (±0.003 %/°F)
Frequency characteristics: 12 kHz, -3 dB
Response time: ≤ 30 µsec. (0 – 90 %)
Line voltage effect: ±0.01 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
Power LED
Zero Adj.
Span Adj.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com