Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2SN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2SN
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2SN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2SN Datasheet HTML 1Page - M-System Co.,Ltd. M2SN Datasheet HTML 2Page - M-System Co.,Ltd. M2SN Datasheet HTML 3Page - M-System Co.,Ltd. M2SN Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M2SN
M2SN SPECIFICATIONS
ES-5019 Rev.17 Page 1/4
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
INPUT LOOP POWERED ISOLATOR
Functions & Features
• Loop-powered design eliminates output loop power supply
• Two isolators housed in one enclosure
• 350 Ω output drive with 4 – 20 mA
Typical Applications
• Isolation between control room and field instrumentation,
between telemetering system and input device
• Eliminates ground problems in existing systems
thanks to easiness of application without requiring
additional power wiring
Model
SPAN
ZERO
SPAN
ZERO
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2SN-[1][2][3][4]
ORDERING INFORMATION
• Code number: M2SN-[1][2][3][4]
Specify a code from below for each [1] through [4].
(e.g. M2SN-2A6/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] NO. OF CHANNELS
1: 1 channel
2: 2 channels
[2] INPUT
Current
A: 4 – 20 mA DC
H: 10 – 50 mA DC
[3] OUTPUT
Current
A: 4 – 20 mA DC
Voltage
6: 1 – 5 V DC
[4] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE or UL
/CE: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output; between channels
Zero adjustment (front)
Voltage output: -4 to +4 %
Current output: -0.5 to +0.5 %
Span adjustment (front)
Voltage output: 95 to 105 %
Current output: 98.5 to 101.5 %


Similar Part No. - M2SN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2S MSYSTEM-M2S Datasheet
99Kb / 3P
Super-mini Signal Conditioners Mini-M Series
logo
Microsemi Corporation
M2S005 MICROSEMI-M2S005 Datasheet
1Mb / 27P
FPGA and SoC Product Catalog
M2S005-1FG144Y MICROSEMI-M2S005-1FG144Y Datasheet
7Mb / 156P
SmartFusion2 System-on-Chip FPGAs
M2S005-1FG144YES MICROSEMI-M2S005-1FG144YES Datasheet
7Mb / 156P
SmartFusion2 System-on-Chip FPGAs
M2S005-1FG144YI MICROSEMI-M2S005-1FG144YI Datasheet
7Mb / 156P
SmartFusion2 System-on-Chip FPGAs
More results

Similar Description - M2SN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com