Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2SN Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2SN
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2SN Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2SN Datasheet HTML 1Page - M-System Co.,Ltd. M2SN Datasheet HTML 2Page - M-System Co.,Ltd. M2SN Datasheet HTML 3Page - M-System Co.,Ltd. M2SN Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M2SN
M2SN SPECIFICATIONS
ES-5019 Rev.17 Page 2/4
http://www.m-system.co.jp/
INPUT & OUTPUT
■ Input 4 – 20 mA DC / Output 1 – 5 V DC
Equivalent input impedance: Approx. 250 Ω with 20 mA
input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: ≥ 50 kΩ
■ Input 10 – 50 mA DC / Output 1 – 5 V DC
Equivalent input impedance: Approx. 100 Ω with 50 mA
input
Operational range: 7 – 55 mA DC
(Accuracy is assured within 8 – 55 mA)
Load resistance: ≥ 50 kΩ
■ Input 4 – 20 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 230 Ω plus load resistance with
20 mA input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: 50 – 350 Ω (min. 50 Ω required for
adequate operation)
■ Input 10 – 50 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 90 Ω + [load resistance×0.16]
with 50 mA input
Operational range: 7 – 55 mA DC
(Accuracy is assured within 8 – 55 mA)
Load resistance: 50 – 600 Ω (min. 50 Ω required for
adequate operation)
•INPUT 4 – 20 mA DC / OUTPUT 1 – 5 V DC
INPUT CURRENT [mA]
4
12
20
5.0
approx.
3.7
3.0
approx. 5.0
4.0
•INPUT 10 – 50 mA DC / OUTPUT 1 – 5 V DC
INPUT CURRENT [mA]
10
30
50
5.0
approx.
3.7
3.0
approx. 5.0
4.0
•INPUT 4 – 20mA DC / OUTPUT 4 – 20 mA DC
INPUT CURRENT [mA]
4
12
20
10.0
3.0
approx. 5.6
(load 50
Ω)
6.0
12.0
approx. 5.0
8.0
approx. 3.8
approx. 9.6
(load 250
Ω)
approx. 4.6
approx. 11.6
(load 350
Ω)
•INPUT 10 – 50 mA DC / OUTPUT 4 – 20 mA DC
INPUT CURRENT [mA]
10
30
50
10.0
3.0
approx. 4.9
(load 50
Ω)
6.0
approx. 4.7
8.0
approx. 3.8
approx. 6.5
(load 250
Ω)
approx. 4.1
approx. 9.3
(load 600
Ω)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient
Voltage output: ±0.015 %/°C (±0.008 %/°F)
Current output: ±0.02 %/°C (±0.01 %/°F)
Response time
Voltage output: ≤ 0.5 sec. (0 – 90 %)
Current output: Approx. 15 msec. (0 – 90 %)
Load effect (current output)
4 – 20 mA input: 0.015 %/Ω (50 – 150 Ω)
0.003 %/Ω (150 – 350 Ω)
10 – 50 mA input: 0.015 %/Ω (50 – 100 Ω)
0.003 %/Ω (100 – 600 Ω)
(The unit is calibrated with 250 Ω load at the factory.)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
500 V AC @1 minute (input to output)
2000 V AC @1 minute (between channels)
2000 V AC @1 minute (input or output to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com