Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-S128K32C-035P7Q Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-S128K32C-035P7Q
Description  High Speed 4 Megabit SRAM Multichip Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32C-035P7Q Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-S128K32C-035P7Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A
A
Aeroflex Circuit Technology ACT-S128K32
SCD1659 REV E 5/21/01 Plainview NY (516) 694-6700
5
Pin Numbers & Functions
66 Pins — PGA-Type
Pin # Function Pin # Function Pin # Function Pin # Function Pin # Function Pin # Function Pin # Function
1I/O8
11
I/O2
21
NC
31
I/O6
41
A9
51
A5
61
A1
2I/O9
12
WE2
22
I/O3
32
I/O5
42
I/O16
52
WE3
62
A2
3I/O10
13
CE2
23
I/O15
33
I/O4
43
I/O17
53
CE3
63
I/O23
4A13
14
GND
24
I/O14
34
I/O24
44
I/O18
54
GND
64
I/O22
5A14
15
I/O11
25
I/O13
35
I/O25
45
VCC
55
I/O19
65
I/O21
6A15
16
A10
26
I/O12
36
I/O26
46
CE4
56
I/O31
66
I/O20
7A16
17
A11
27
OE
37
A6
47
WE4
57
I/O30
8NC
18
A12
28
NC
38
A7
48
I/O27
58
I/O29
9I/O0
19
Vcc
29
WE1
39
NC
49
A3
59
I/O28
10
I/O1
20
CE1
30
I/O7
40
A8
50
A4
60
A0
Note: Pins 8, 21, 28, & 39 normally not connected, and can be connected to ground by specifing pinout Option "C".
1.085 SQ
1.000
.600
1.000
.100
.020
.016
.100
.180
TYP
1.030
1.040
.160
.061
.051
.085
.075
Pin 56
Pin 66
Pin 11
Pin 1
Bottom View (P7 & P3)
MAX
MAX
"P3" — 1.08" SQ PGA Type Special Order Package (without shoulders
)
"P7" — 1.08" SQ PGA Type Package Standard (with shoulders on Pins 1, 11, 56 & 66)
1.030
1.040
.020
.016
.100
.155
.145
.025
.185
MAX
Side View
(P7)
Side View
(P3)
.050
.180
TYP
.035
1.185 SQ
1.000
.600
1.000
.100
.020
.016
.100
.180
TYP
1.140
1.150
.160
.061
.051
.085
.075
Pin 56
Pin 66
Pin 11
Pin 1
Bottom View (P2 & P6)
±.015
MAX
"P6" — 1.185" SQ PGA Type Special Order Package (without shoulders
)
1.140
1.150
.020
.016
.100
.155
.145
.025
.245
MAX
Side View
(P2)
Side View
(P6)
.050
.180
TYP
.035
"P2" — 1.185" SQ PGA Type Package Standard (with shoulders on Pins 1, 11, 56 & 66)
φ
φ
φ
φ
φ
φ
Limited Availability
Use ''P7'' package for new designs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com