Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-S128K32C-035P7Q Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT-S128K32C-035P7Q
Description  High Speed 4 Megabit SRAM Multichip Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32C-035P7Q Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT-S128K32C-035P7Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-S128K32C-035P7Q Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
A
A
Aeroflex Circuit Technology ACT-S128K32
SCD1659 REV E 5/21/01 Plainview NY (516) 694-6700
10
CI RCU I T TE CHNOL OGY
\\\
ACT– S 128K 32 N– 020 F18 M
Aeroflex Circuit
Part Number Breakdown
Technology
Memory Type
S = SRAM
Memory Depth, Locations
Options
Memory Width, Bits
N = None
C = Connect to GND Pins 8, 21, 28 & 30 (P2,P3,P6 & P7 only)
Memory Speed, ns (+5V Vcc)
Package Types & Sizes
Surface Mount Packages
F1 = 1.56"SQ 68 Leads CQFP Low Profile
F2 = 0.88"SQ 68 Leads CQFP Dual-Cavity
F18 = 0.94"SQ 68 Leads CQFP Single-Cavity Low Profile
Thru-Hole Packages
P2 = 1.185"SQ PGA 66 Pins W/Shoulder
P3 = 1.085"SQ PGA 66 Pins WO/Shoulder
P6 = 1.185"SQ PGA 66 Pins WO/Shoulder
P7 = 1.085"SQ PGA 66 Pins W/Shoulder
Screening
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C Screened
*
Q = MIL-PRF-38534 Compliant/SMD
* Screened to the individual test methods of MIL-STD-883
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
Specifications subject to change without notice
www.aeroflex.com
E-Mail: sales-act@aeroflex.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com