Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4898 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4898
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4898 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4898 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4898 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SC4898
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Low collector to emitter saturation voltage VCE(sat)
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
ICP
IC
PC
Tj
Tstg
Ratings
1000
500
10
5
40
2
150
–55 to +150
Unit
V
V
A
A
W
˚C
˚C
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
hFE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCB = 1000V, IE = 0
VEB = 9V, IC = 0
VCE = 5V, IC = 1A
IC = 3A, IB = 0.6A
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 3A, IB1 = 0.6A, IB2 = – 0.6A,
VCC = 250V
min
20
typ
8
max
100
100
40
1
1.5
3
1.0
Unit
µA
µA
V
MHz
µs
µs
µs
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220D Full Pack Package
1
9.9
±0.3
4.6
±0.2
2.9
±0.2
0.8
±0.1
1.4
±0.2
23
φ3.2±0.1
2.6
±0.1
0.55
±0.15
2.54
±0.3
5.08
±0.5
1.6
±0.2


Similar Part No. - 2SC4898

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4890 SANYO-2SC4890 Datasheet
87Kb / 3P
Very High-Definition CRT Display Horizontal Deflection Output Applications?????????
2SC4891 SANYO-2SC4891 Datasheet
87Kb / 3P
Very High-Definition CRT Display Horizontal Deflection Output Applications??????????
logo
Inchange Semiconductor ...
2SC4891 ISC-2SC4891 Datasheet
257Kb / 2P
isc Silicon NPN Power Transistor
logo
Panasonic Semiconductor
2SC4892 PANASONIC-2SC4892 Datasheet
74Kb / 3P
Silicon NPN triple diffusion planar type(For power switching)
2SC4893 PANASONIC-2SC4893 Datasheet
251Kb / 1P
Transistors (Selection Guide by Applications and Functions)
More results

Similar Description - 2SC4898

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3795 PANASONIC-2SC3795 Datasheet
63Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3970 PANASONIC-2SC3970 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3973 PANASONIC-2SC3973 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC3975 PANASONIC-2SC3975 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4152 PANASONIC-2SC4152 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC4985 PANASONIC-2SC4985 Datasheet
40Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5034 PANASONIC-2SC5034 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5063 PANASONIC-2SC5063 Datasheet
62Kb / 3P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5393 PANASONIC-2SC5393 Datasheet
34Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
2SC5457 PANASONIC-2SC5457 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com