Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4898 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC4898
Description  Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4898 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC4898 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4898 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SC4898
IC —VCE
VCE(sat) —IC
hFE —IC
Area of safe operation (ASO)
Area of safe operation, reverse bias ASO
Rth(t) —t
012
10
8
26
4
0
10
8
6
4
2
9
7
5
3
1
T
C=25˚C
0.6A
0.5A
0.4A
0.3A
0.2A
0.1A
I
B=0.7A
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=5
T
C=25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
1000
100
10
3
30
300
T
C=25˚C
V
CE=5V
Collector current I
C
(A)
1
10
100
1000
3
30
300
0.001
0.01
0.1
1
100
10
10ms
1s
1ms
t=0.5ms
I
CP
I
C
Non repetitive pulse
T
C=25˚C
Collector to emitter voltage V
CE
(V)
0
1200
1000
800
200
600
400
0
6
5
4
3
2
1
I
C/IB=5
I
B1=–IB2
L
coil=100µH
T
C=25˚C
<1mA
Collector to emitter voltage V
CE
(V)
13
0.3
10
30
100
300
10
1
0.3
3
30
Ta=25˚C
(1) Without heat sink
(2) With a 100
× 80 × t2mm Al heat sink
(1)
(2)
Time t (s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com