Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8569GEDS
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 9Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 10Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 11Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 12Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Product Preview
WM8569
w
PP Rev 1.1 December 2005
9
Figure 3 Digital Audio Data Timing – Master Mode
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN, DGND = 0V, TA = +25
oC, Master Mode, fs = 48kHz, MCLK = 256fs unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
DACLRC/ADCLRC
propagation delay from
DACBCLK/ADCBCLK
falling edge
tDL
0
10
ns
DOUT propagation delay
from ADCBCLK falling edge
tDDA
0
10
ns
DIN setup time to
DACBCLK rising edge
tDST
10
ns
DIN hold time from
DACBCLK rising edge
tDHT
10
ns
Table 2 Digital Audio Data Timing – Master Mode
DACBCLK/
ADCBCLK
(Output)
DOUT
DACLRC/
ADCLRC
(Output)
t
DL
DIN
t
DDA
t
DHT
t
DST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com