Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8569GEDS
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8569GEDS Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Product Preview
WM8569
w
PP Rev 1.1 December 2005
21
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8569 can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R0(00h)
0
0
0
0
0
0
0
UPDATE
LDA[7:0]
011111111
R1(01h)
0
0
0
0
0
0
1
UPDATE
RDA[7:0]
011111111
R2(02h)
0
0
0
0
0
1
0
PL[8:5]
IZD
ATC
0
0
0
100100000
R3(03h)
0
0
0
0
0
1
1
0
0
PHASE
DACIWL[5:4]
DACBCP
DACLRP
DACFMT[1:0]
000000000
R8(08h)
0
0
0
1
0
0
0
UPDATE
MASTDA[7:0]
011111111
R9(09h)
0
0
0
1
0
0
1
0
0
DEEMP
0
0
DMUTE
0
0
ZCD
000000000
R10(0Ah)
0
0
0
1
0
1
0
DACRATE[8:6]
DACMS
PWRDNALL
0
0
DACPD
ADCPD
010000000
R11(0Bh)
0
0
0
1
0
1
1
ADC
OSR
ADCRATE[7:5]
ADCMS
ADCIWL[3:2]
ADCFMT[1:0]
001000000
R12(0Ch)
0
0
0
1
1
0
0
0
0
MPD
ADCBCP
ADCLRP
ADCHP
AMUTE
ALL
AMUTEL
AMUTER
000000000
R31(1Fh)
0
0
1
1
1
1
1
RESET
000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com