Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LL4148
Description  Sillicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LL4148 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LL4148 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LL4148 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LL4148 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.06.2014
3/3
www.leiditech.com
LL4148
VF
10 -1
1
10
2
10
3
10
LL 4148
i F
Forward characteristics
-2
10
02 V
Tj=25 C
o
Tj=100 C
o
1
0.7
0.8
0
VR
6
0
10 V
1.1
1.0
0.9
Ctot(VR)
Ctot(0V)
LL 4148
Relative capacitance
versus reverse voltage
24
8
Tj=25 C
f=1MHz
o
Ambient Temperature: Ta ( C)
O
0 25
100
150
0
100
200
300
400
500
200
Power DeratingCurve
LL 4148
Tj
VR=20V
0
10
2
5
1
2
5
10 2
100
Leakage current
versus junction temperature
4
5
nA
3
5
2
2
IR
10
10
o
200 C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com