Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LL4148
Description  Sillicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LL4148 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LL4148 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LL4148 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LL4148 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev : 01.06.2014
1/3
www.leiditech.com
Fast switching diode in MiniMELF case especially suited
for automatic surface mounting
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current
at t = 1 s
at t = 1 ms
at t = 1 μs
IFSM
0.5
1
4
A
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
℃
Storage Temperature Range
Tstg
- 65 to + 175
℃
1) Valid provided that electrodes are kept at ambient temperature.
LL-34
Sillicon Epitaxial Planar Switching Diode
LL4148


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SS345 KEXIN-1SS345 Datasheet
35Kb / 1P
Sillicon Epitaxial Schottky Barrier Diode
1SS350 KEXIN-1SS350 Datasheet
34Kb / 1P
Sillicon Epitaxial Schottky Barrier Diode
1SS351 KEXIN-1SS351 Datasheet
34Kb / 1P
Sillicon Epitaxial Schottky Barrier Diode
logo
Sanyo Semicon Device
DCC010-TB-E SANYO-DCC010-TB-E Datasheet
67Kb / 2P
Sillicon Epitaxial Planar Type (Series Connection)
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Surge Components
1N914W SURGE-1N914W Datasheet
1Mb / 3P
Silicin Epitaxial Planar Switching Diode
1N4448WS SURGE-1N4448WS Datasheet
1Mb / 3P
Silicin Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com