Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LR Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3LR
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LR Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3LR Datasheet HTML 1Page - M-System Co.,Ltd. M3LR Datasheet HTML 2Page - M-System Co.,Ltd. M3LR Datasheet HTML 3Page - M-System Co.,Ltd. M3LR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M3LR
M3LR SPECIFICATIONS
ES-2662 Rev.13 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
Configuration DIP SW
4
5
6
■ FRONT VIEW
■ SIDE VIEW
8
SW2
SW1
SW3
7 6 5 4 3 2 1
ON
OFF
ON
OFF
4 3 2 1
ON
OFF
4 3 2 1
10 11 12
7
8
9
Configurator Jack
DOWN Button
UP Button
MODE Button
LED3 (LD3)
LED2 (LD2)
LED1 (LD1)
The DIP switch setting is required to select output types before setting a precise output range using the PC configurator
software.
For detailed information on the configuration and calibration, refer to the instruction manual.
INPUT TYPE, RANGE & ACCURACY
■ INPUT TYPE, RANGE & ACCURACY
TABLE 8
RTD
°C
°F
MIN.SPAN
MAXIMUM RANGE
ACCURACY*1
MIN.SPAN
MAXIMUM RANGE
ACCURACY*1
Pt 100 (JIS ’97, IEC)
Pt 200
Pt 300
20
20
20
-200 to +850
-200 to +850
-200 to +850
±0.15
±0.15
±0.15
36
36
36
-328 to +1562
-328 to +1562
-328 to +1562
±0.27
±0.27
±0.27
Pt 400
Pt 500
Pt 1000
20
20
20
-200 to +850
-200 to +850
-200 to +850
±0.15
±0.15
±0.15
36
36
36
-328 to +1562
-328 to +1562
-328 to +1562
±0.27
±0.27
±0.27
Pt 50Ω (JIS ’81)
JPt 100 (JIS ’89)
Ni 100
20
20
20
-200 to +649
-200 to +510
-80 to +260
±0.15
±0.15
±0.15
36
36
36
-328 to +1200
-328 to +950
-112 to +500
±0.27
±0.27
±0.27
Ni 120
Ni 508.4Ω
Ni-Fe 604
Cu 10 @25°C
20
20
20
20
-80 to +260
-50 to +200
-200 to +200
-50 to +250
±0.15
±0.15
±0.15
±0.50
36
36
36
36
-112 to +500
-58 to +392
-328 to +392
-58 to +482
±0.27
±0.27
±0.27
±0.90
*1. Or ±0.1% of span, whichever is greater.
If the selected output span equals to or narrower than the one-tenth of the maximum span, add 0.2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com