Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3LR
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3LR Datasheet HTML 1Page - M-System Co.,Ltd. M3LR Datasheet HTML 2Page - M-System Co.,Ltd. M3LR Datasheet HTML 3Page - M-System Co.,Ltd. M3LR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M3LR
M3LR SPECIFICATIONS
ES-2662 Rev.13 Page 1/4
http://www.m-system.co.jp/
Space-saving Signal Conditioners M3-UNIT Series
RTD TRANSMITTER
(field- and PC-configurable)
Functions & Features
• Accepts an RTD input and provides an isolated, linearized
DC signal
• Easy ‘One-Step Cal’ calibration using the front three
control buttons without needing a PC; PC software is also
usable.
• Both input and output type and range are configurable
• Front control button function can be locked
• Linearization and burnout
18 (.71)
106
(4.17)
mm (inch)
110.5 (4.35)
MODEL: M3LR–R4/[1][2]
ORDERING INFORMATION
• Code number: M3LR-R4/[1][2]
Specify a code from below for each of [1] and [2].
(e.g. M3LR-R4/A/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Orders will be shipped with default factory settings (3-wire
Pt 100, 0 – 100°C input/4 – 20 mA output).
INPUT – Field-selectable
RTD
Pt 100, Pt 200, Pt 300, Pt 400, Pt 500, Pt 1000,
Ni 100, Ni 120, Ni 508.4Ω, Ni-Fe 604,
Cu 10 @25°C, Pt 50Ω, JPt 100
OUTPUT – Field-selectable
Current
0 – 20 mA DC
Voltage
-2.5 – +2.5 V DC
-10 – +10 V DC
POWER INPUT
DC Power
R4: 10 – 32 V DC
(Operational voltage range 9 - 36 V, ripple 10 %p-p max.)
[1] CONFIGURATION OPTIONS
A: PC and field configurable
B: Field configurable
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
RELATED PRODUCTS
• PC configurator software (model: M3CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Overrange output: -15 to +115 %
Zero adjustment: -15 to +15 % (front)
Span adjustment: 85 to 115 % (front)
Burnout: Upscale (default), downscale or no burnout
selectable
Linearization: Standard
Status indicator LED: Tri-color (green/amber/red) LED;
Blinking patterns indicate operation status of the
transmitter.
Configuration:
PC Configurator: (Model: M3LRCFG) via Windows PC
connected to th front jack.
Programmable features include:


Similar Part No. - M3LR

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3L MTRONPTI-M3L Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L MTRONPTI-M3L Datasheet
272Kb / 2P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
logo
International Rectifier
M3L IRF-M3L Datasheet
151Kb / 12P
28V Input, Single/Dual Output
logo
MTRONPTI
M3L13FCN MTRONPTI-M3L13FCN Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L13FCN MTRONPTI-M3L13FCN Datasheet
272Kb / 2P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
More results

Similar Description - M3LR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LDY MSYSTEM-M3LDY Datasheet
141Kb / 5P
Space-saving Signal Conditioners M3-UNIT Series
M3DY MSYSTEM-M3DY Datasheet
111Kb / 3P
Space-saving Signal Conditioners M3-UNIT Series
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LM MSYSTEM-M3LM Datasheet
118Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LPA2 MSYSTEM-M3LPA2 Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LT MSYSTEM-M3LT Datasheet
139Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LU MSYSTEM-M3LU Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU2 MSYSTEM-M3LU2 Datasheet
156Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LV MSYSTEM-M3LV Datasheet
116Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com