Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3LT
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3LT Datasheet HTML 1Page - M-System Co.,Ltd. M3LT Datasheet HTML 2Page - M-System Co.,Ltd. M3LT Datasheet HTML 3Page - M-System Co.,Ltd. M3LT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M3LT
M3LT SPECIFICATIONS
ES-2661 Rev.13 Page 3/4
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
Approval:
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.1010-1)
EXTERNAL VIEW
Configuration DIP SW
4
5
6
■ FRONT VIEW
■ SIDE VIEW
8
SW2
SW1
SW3
7 6 5 4 3 2 1
ON
OFF
ON
OFF
4 3 2 1
ON
OFF
4 3 2 1
10 11 12
7
8
9
Configurator Jack
DOWN Button
UP Button
MODE Button
LED3 (LD3)
LED2 (LD2)
LED1 (LD1)
The DIP switch setting is required to select output types before setting a precise output range using the PC configurator
software.
For detailed information on the configuration and calibration, refer to the instruction manual.
INPUT TYPE, RANGE & ACCURACY
■ INPUT TYPE, RANGE & ACCURACY
Table 8
Thermocouple
°C
°F
MIN.
SPAN
MAXIMUM
RANGE
CONFORMANCE
RANGE
ACCURACY*1
MIN.
SPAN
MAXIMUM
RANGE
CONFORMANCE
RANGE
ACCURACY*1
(PR)
K (CA)
E (CRC)
20
20
20
0 to 1760
-270 to +1370
-270 to +1000
0 to 1760
-150 to +1370
-170 to +1000
±1.00
±0.25
±0.20
36
36
36
32 to 3200
-454 to +2498
-454 to +1832
32 to 3200
-238 to +2498
-274 to +1832
±1.80
±0.45
±0.36
J (IC)
T (CC)
B (RH)
20
20
20
-210 to +1200
-270 to +400
100 to 1820
-180 to +1200
-170 to +400
400 to 1760
±0.25
±0.25
±0.75
36
36
36
-346 to +2192
-454 to +752
212 to 3308
-292 to +2192
-274 to +752
752 to 3200
±0.45
±0.45
±1.35
R
S
C (WRe 5-26)
20
20
20
-50 to +1760
-50 to +1760
0 to 2315
200 to 1760
0 to 1760
0 to 2315
±0.50
±0.50
±0.80
36
36
36
-58 to +3200
-58 to +3200
32 to 4199
392 to 3200
32 to 3200
32 to 4199
±0.90
±0.90
±1.44
N
U
L
P(Platinel II)
20
20
20
20
-270 to +1300
-200 to +600
-200 to +900
0 to 1395
-130 to +1300
-200 to +600
-200 to +900
0 to 1395
±0.30
±0.20
±0.25
±0.25
36
36
36
36
-454 to +2372
-328 to +1112
-328 to +1652
32 to 2543
-202 to +2372
-328 to +1112
-328 to +1652
32 to 2543
±0.54
±0.36
±0.45
±0.45
*1. [Accuracy + Cold Junction Compensation Error 0.5°C (0.9°F)] or ±0.1% of span, whichever is greater.
If the selected output span equals to or narrower than the one-tenth of the maximum span, add 0.2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com