Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M3LT
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M3LT Datasheet HTML 1Page - M-System Co.,Ltd. M3LT Datasheet HTML 2Page - M-System Co.,Ltd. M3LT Datasheet HTML 3Page - M-System Co.,Ltd. M3LT Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M3LT
M3LT SPECIFICATIONS
ES-2661 Rev.13 Page 2/4
http://www.m-system.co.jp/
connected to th front jack.
Programmable features include:
• I/O type and range
• Zero and span adjustments
• Burnout action
• User’s T/C table setting
(max. 300 points, input emf specified within
-100 – +1000 mV)
• Others
(Refer to the instruction manual)
‘One-Step Cal’ calibration: With I/O type and the full-scale
range configured via the internal DIP switches, precise 0 %
and 100 % ranges are calibrated via the front control
buttons with a help of LED. Also I/O calibration and fine
adjustment are available with a PC.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
■ Thermocouple: See table 1
Input resistance: ≥ 1 MΩ
Burnout sensing: 130 nA ± 10 %
Temperature range: See Table 1.
OUTPUT SPECIFICATIONS
■ DC Current
Maximum range: 0 – 20 mA DC
Minimum span: 1 mA
Conformance range: 0 – 24 mA DC
(Negative overrange current below 0 mA is not available.)
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 12 V maximum
■ DC Voltage
Narrow Spans
Maximum range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Conformance range: -3 – +3 V DC
Wide Spans
Maximum range: -10 – +10 V DC
Minimum span: 1 V
Conformance range: -11.5 – +11.5 V DC
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA maximum
INSTALLATION
Power consumption
•DC: Approx. 3 W
Operating temperature: -25 to +65°C (-13 to +149°F)
Max. 55°C (131°F) for UL approval
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 100 g (0.22 lb)
PERFORMANCE
Accuracy: See Table 1 and refer to calculation examples of
overall accuracy.
Cold junction compensation error:
±0.5°C at 25 ±10°C
±0.9°F at 77 ±18°F
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
at -5 to +55°C [23 to 131°F]
Response time: ≤ 0.9 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to output or power to ground)
500 V AC @ 1 minute (output to power)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example 1]
Input: K thermocouple, 0 – 1000°C, Output: 4 – 20 mA DC
1) Absolute value accuracy (Table 1): 0.25°C
2) CJC error (0.5°C) added: 0.75°C
3) 0.75°C ÷ 1000°C × 100 = 0.075 %
4) 0.075 % < 0.1 % of span. ➠ 0.1 % is selected.
5) Output span 16 mA (= 20 mA – 4 mA)
Max. span 20 mA
Output span ≥ 1/10 of max. span ➠ No need of adding
0.2 %.
6) Overall accuracy equals ±0.1 % of span
[Example 2]
Input: K thermocouple, 50 – 150°C, Output: 2.0 – 2.5 V DC
1) Absolute value accuracy (Table 1): 0.25°C
2) CJC error (0.5°C) added: 0.75°C
3) 0.75°C ÷ (150 – 50)°C × 100 = 0.75 %
4) 0.75 %> 0.1 % of span. ➠ 0.75 % is selected.
5) Output span 0.5 V (= 2.5 V – 2.0 V)
Max. span 5 V
Output span ≤ 1/10 of max. span ➠ Add 0.2 %.
6) Overall accuracy equals ±0.95 % of span (0.75 + 0.2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com