Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3SWVS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3SWVS
Description  Super-space-saving Signal Conditioners M3S-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3SWVS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3SWVS Datasheet HTML 1Page - M-System Co.,Ltd. M3SWVS Datasheet HTML 2Page - M-System Co.,Ltd. M3SWVS Datasheet HTML 3Page - M-System Co.,Ltd. M3SWVS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M3SWVS
M3SWVS SPECIFICATIONS
ES-7709 Rev.5 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
1
2
3
4
Power LED
Zero Adj.
Span Adj.
Output 1
Zero Adj.
Span Adj.
Output 2
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
7
8
5
6
1
2
3
4
12
(.47)
110.5 (4.35)
[5 (.20)]
• When mounting, no extra space is needed between units.
DIN RAIL
35mm wide
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
S
Z
Low Drift
Amplifier
+
–
INPUT
3
4
*Input shunt resistor incorporated for current input.
Remark: The section enclosed by broken line is only with 2nd output option.
*
8
7
POWER LED
Isolation
Output
Driver
S
Z
Output
Driver
+
–
6
5
OUTPUT 1
+
–
2
1
OUTPUT 2
U(+)
V(–)
POWER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com