Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3SWVS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3SWVS
Description  Super-space-saving Signal Conditioners M3S-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3SWVS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3SWVS Datasheet HTML 1Page - M-System Co.,Ltd. M3SWVS Datasheet HTML 2Page - M-System Co.,Ltd. M3SWVS Datasheet HTML 3Page - M-System Co.,Ltd. M3SWVS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M3SWVS
M3SWVS SPECIFICATIONS
ES-7709 Rev.5 Page 1/4
http://www.m-system.co.jp/
Super-space-saving Signal Conditioners
M3S-UNIT Series
SIGNAL TRANSMITTER
(two isolated outputs)
Functions & Features
• Galvanically isolates process instrumentation signals
• Universal AC/DC power input
• High-density mounting
• Power indicator LED
12 (.47)
mm (inch)
110.5 (4.35)
106
(4.17)
MODEL: M3SWVS–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: M3SWVS-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. M3SWVS-AAA-R/K/Q)
• Special input range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 100 Ω)
C: 1 – 5 mA DC (Input resistance 200 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 50 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 20 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 280 Ω max.)
D: 0 – 20 mA DC (Load resistance 280 Ω max.)
Voltage
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
[3] OUTPUT 2
Same range availability as Output 1
Y: None
[4] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 90 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
Universal
AD: 100 – 240 V AC / 24 – 240 V DC (universal)
(Operational voltage range 90 - 264 V AC, 47 - 66 Hz /
21.6 - 264 V DC, ripple 10 %p-p max.)
[5] OPTIONS (multiple selections)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (Approx. 3.5 msec.)
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (gray)
Isolation: Input to output 1 to output 2 to power
Zero adjustment: -2 to +2 % (front)
Span adjustment: 98 to 102 % (front)
Power LED: Green light turns on when the power is supplied.


Similar Part No. - M3SWVS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
M3SW-2-50DR MINI-M3SW-2-50DR Datasheet
128Kb / 1P
High Isolation Switches SPDT, DC to 4.5 GHz
M3SW-2-50DRA MINI-M3SW-2-50DRA Datasheet
310Kb / 5P
SPDT RF Switch
M3SW-2-50DRA+ MINI-M3SW-2-50DRA+ Datasheet
310Kb / 5P
SPDT RF Switch
M3SW-250DRA-D MINI-M3SW-250DRA-D Datasheet
559Kb / 11P
SPDT RF Switch Die
M3SW-250DRA-D+ MINI-M3SW-250DRA-D+ Datasheet
559Kb / 11P
SPDT RF Switch Die
More results

Similar Description - M3SWVS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SDY MSYSTEM-M3SDY Datasheet
103Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SMS MSYSTEM-M3SMS Datasheet
100Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SRS MSYSTEM-M3SRS Datasheet
102Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SVS MSYSTEM-M3SVS Datasheet
96Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXM MSYSTEM-M3SXM Datasheet
104Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXR MSYSTEM-M3SXR Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SYV MSYSTEM-M3SYV Datasheet
92Kb / 2P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXV MSYSTEM-M3SXV Datasheet
107Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com