Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4401 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBT4401
Description  We declare that the material of product compliant with RoHS requirements and Halogen Free.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMBT4401 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMBT4401 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT4401 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT4401 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT4401 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MMBT4401 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SWITCHING TIME EQUIVALENT TEST CIRCUITS
FIG.1
FIG.2
FIG.3
FIG.4
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
ELRCTRICAL CHARACTERISTICS CURVES
1
10
100
1000
0.0001
0.001
0.01
0.1
1
IC, Collector Current (A)
VCE=1V -55℃
VCE=10V -55℃
VCE=1V 25℃
VCE=10V 25℃
VCE=1V 125℃
VCE=10V 125℃
0
0.2
0.4
0.6
0.8
1
1E-06
1E-05
0.0001
0.001
0.01
0.1
IB, Base Current (A)
IC=1mA
IC=10mA
IC=100mA
IC=500mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0001
0.001
0.01
0.1
1
IC, Collector Current (A)
VCEsat@IC/IB=10
VBEon@VCE=1V
0.0E+00
5.0E-12
1.0E-11
1.5E-11
2.0E-11
2.5E-11
3.0E-11
3.5E-11
0
20
40
60
VR, Reverse Voltage (V)
Cobo
Cibo
Figure 3. DC Current Gain
Figure 4. Collector Saturation Region
Figure 5. "On" Voltage
Figure 6. Capacitance
Scope rise time < 4.0ns
*Total shunt capacitance of test jig connectors, and oscilloscope
1.0 k
Ω
+30 V
200
Ω
C
S*< 10 pF
1.0 k
Ω
+30 V
200
Ω
C
S* < 10 pF
1N916
+ 16 V
–14 V
< 20 ns
<2.0 ns
– 2.0V
+ 16 V
1.0 to 100
µs,
DUTY CYCLE = 2%
0
0
1.0 to 100
µs,
DUTY CYCLE = 2%
– 4.0 V
Rev :
www.leiditech.com
01.06.2014
3/5
MMBT4401



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com